Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 123Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 124Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 125Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 126Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
121
Part
Number
Weight
(lb)
Description
• Inclining adapter for individual connection between enclosure and suspension
systems or for wall mounting
• Simple handling
Inclining Adapter
Technical Data
Sheet steel, 2.5 mm
Bellow: PVC, RAL 9005 (black)
Black, similar to RAL 9005, powdered
-40°F to +140°F
1. Inclining adapter for mounting to wall or machinery
2. Inclining adapter for suspension system 4945
3. Inclining adapter for suspension system with flange 4945
50020001 00
50020002 00
50020004 00
2.87
2.20
1.98
Material
Surface
Temperature Range
Included in delivery
Inclining adapter, flange plates, sealing and mounting
material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com