Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 130 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 130 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 126Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 127Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 132Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 134Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 164 page
background image
www.Rose-Bopla.com
128
GMS/MGMS Counter Nuts
MSD Cable Glands
Brass Cable Glands
Type
Material
Sealing Inset
External Seal
Ingress Protection
Temperature Range
Brass cable gland
Nickel-faced brass
NBR
O-ring, NBR
IP 68
-40° to +212°F
briefly +248°F
7
9
11
13.5
16
21
29
36
42
48
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
3.5 - 6
4 - 8
5 - 10
6 - 12
10 - 14
13 - 18
18 - 25
22 - 32
30 - 38
34 - 44
3 - 6.5
4 - 8
6 - 12
10 - 14
13 - 18
18 - 25
22 - 32
34 - 44
50
50
50
50
25
25
20
1
1
1
50
50
50
25
20
1
1
1
08040307 00
08040309 00
08040311 00
08040313 00
08040316 00
08040321 00
08040329 00
08040336 00
08040342 00
08040348 00
08080412 00
08080416 00
08080420 00
08080425 00
08080432 00
08080440 00
08080450 00
08080463 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Brass Cable Glands
Metric
Characteristics
Ingress Protection
Temperature Range
Large sealing section, easy to
assemble.
IP 68
-4°F to +212°F
7
9
11
13.5
16
4 - 6.5
5 - 10
7 - 11.5
8 - 15.0
8 - 15.0
MSD 7
MSD 9
MSD 11
MSD 13
MSD 16
13040100 00
13040200 00
13040300 00
13040400 00
13040500 00
Connection Thread
Cable Ø
Model
Part Number
PG
Characteristics
Brass counter nut for all cable
glands with PG or metric
connection
7
9
11
13.5
16
21
29
36
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
SW 15
SW 18
SW 21
SW 23
SW 26
SW 32
SW 41
SW 51
SW 15
SW 19
SW 24
SW 30
SW 36
SW 46
GMS 7
GMS 9
GMS 11
GMS 13
GMS 16
GMS 21
GMS 29
GMS 36
MGMS 12
MGMS 16
MGMS 20
MGMS 25
MGMS 32
MGMS 40
13150100 00
13150200 00
13150300 00
13150400 00
13150500 00
13150600 00
13150700 00
13150800 00
13160100 00
13160200 00
13160300 00
13160400 00
13160500 00
13160600 00
Connection Thread
Width Across Flats
Model
Part Number
PG
Metric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com