Electronic Components Datasheet Search
  English  ▼

X  

8413000000 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # 8413000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8413000000 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button 8413000000 Datasheet HTML 48Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 49Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 50Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 51Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 52Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 53Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 54Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 55Page - List of Unclassifed Manufacturers 8413000000 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
www.Rose-Bopla.com
50
Extrusion only, bare Aluminum (sold by the meter)
Extrusion only, bare Aluminum (sold by the meter)
Unpainted Plate Lid w/screws for 11130/11130
Unpainted Plate Lid w/ screws & Wall Flange for 11130/11130
Black Lid Screw M3x8
DIN Rail Bracket
Multitronic TS Build-A-Box® 10011130/10011130
Part #
Type
Description
10011130 00
10011130 00
10095528 08
10095534 08
10093205 00
77003500 00
Extrusion Top
Extrusion Bottom
End Lid
End Lid
Screws
Bracket
Extrusion only, bare Aluminum (sold by the meter)
Extrusion only, bare Aluminum (sold by the meter)
Unpainted Plate Lid w/screws for 11132/11132
Unpainted Plate Lid w/ screws & Wall Flange for 11132/11132
Black Lid Screw M3x8
DIN Rail Bracket
Multitronic TS Build-A-Box® 10011132/10011132
Part #
Type
Description
10011132 00
10011132 00
10095529 08
10095535 08
10093205 00
77003500 00
Extrusion Top
Extrusion Bottom
Lid
End Lid
End Lid
Screws
Bracket
Two half-shell extrusions with integrated guide rails for
100 mm PC boards and exterior slots designed for
optional 35 mm DIN Rail mounting bracket.
Two half-shell extrusions with integrated guide rails for
72 mm PC boards and exterior slots designed for
optional 35 mm DIN Rail mounting bracket.
Accessories
Accessories
Enclosure Profiles
Enclosure Profiles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com