Electronic Components Datasheet Search
  English  ▼

X  

X9319 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9319
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9319 Datasheet(HTML) 4 Page - Xicor Inc.

  X9319 Datasheet HTML 1Page - Xicor Inc. X9319 Datasheet HTML 2Page - Xicor Inc. X9319 Datasheet HTML 3Page - Xicor Inc. X9319 Datasheet HTML 4Page - Xicor Inc. X9319 Datasheet HTML 5Page - Xicor Inc. X9319 Datasheet HTML 6Page - Xicor Inc. X9319 Datasheet HTML 7Page - Xicor Inc. X9319 Datasheet HTML 8Page - Xicor Inc. X9319 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
REV 1.7 7/10/03
www.xicor.com
X9319
D.C. OPERATING CHARACTERISTICS
(VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated)
ENDURANCE AND DATA RETENTION
(VCC = 5V ±10%, TA = Full Operating Temperature Range)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [V(RW(n)(actual))–V(RW(n)(expected))]/MI
V(RW(n)(expected)) = n(V(RH)-V(RL))/99 + V(RL), with n from 0 to 99.
(2) Relative linearity is a measure of the error in step size between taps = [V(RW(n+1))–(V(RW(n)) – MI)]/MI
(3) 1 Ml = Minimum Increment = [V(RH)–V(RL)]/99.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) Guaranteed by device characterization.
(6) Ratiometric temperature coefficient = (V(RW)T1(n)–V(RW)T2(n))/[V(RW)T1(n)(T1–T2) x 10
6], with T1 & T2 being 2 temperatures,
and n from 0 to 99.
(7) Measured with wiper at tap position 31, RL grounded, using test circuit.
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC
VCC active current (Increment)
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ min. tCYC
RL, RH, RW not connected
ISB
Standby supply current
300
1000
µA
CS
≥ 2.4V, U/D and INC = 0.4V
RL, RH, RW not connected
ILI
CS, INC, U/D input leakage
current
-10
+10
µA
VIN = VSS to VCC
VIH
CS, INC, U/D input HIGH voltage
2
VCC + 1
V
VIL
CS, INC, U/D input LOW voltage
–1
0.8
V
CIN(5)
CS, INC, U/D input capacitance
10
pF
VCC = 5V, VIN = VSS, TA = 25°C,
f = 1MHz
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit
Equivalent Circuit
Force
Current
Test Point
RW
CH
CL
RW
10pF
10pF
RTOTAL
CW
25pF
RH
RL
A.C. CONDITIONS OF TEST
Input pulse levels
0.8V to 2.0V
Input rise and fall times
10ns
Input reference levels
1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com