Electronic Components Datasheet Search
  English  ▼

X  

X9319WS8 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9319WS8
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9319WS8 Datasheet(HTML) 2 Page - Xicor Inc.

  X9319WS8 Datasheet HTML 1Page - Xicor Inc. X9319WS8 Datasheet HTML 2Page - Xicor Inc. X9319WS8 Datasheet HTML 3Page - Xicor Inc. X9319WS8 Datasheet HTML 4Page - Xicor Inc. X9319WS8 Datasheet HTML 5Page - Xicor Inc. X9319WS8 Datasheet HTML 6Page - Xicor Inc. X9319WS8 Datasheet HTML 7Page - Xicor Inc. X9319WS8 Datasheet HTML 8Page - Xicor Inc. X9319WS8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
REV 1.7 7/10/03
www.xicor.com
X9319
PIN CONFIGURATION
ORDERING INFO
PIN DESCRIPTIONS
Ordering
Number
RTOTAL
Package
Operating Temperature
Range
X9319WS8
10K
Ω
8-lead SOIC
0°C to 70°C
X9319WS8I
10K
Ω
8-lead SOIC
-40°C to +85°C
X9319WP8
10K
Ω
8-lead Plastic DIP
0°C to 70°C
X9319WP8I
10K
Ω
8-lead Plastic DIP
-40°C to +85°C
X9319US8
50K
Ω
8-lead SOIC
0°C to 70°C
X9319US8I
50K
Ω
8-lead SOIC
-40°C to +85°C
X9319UP8
50K
Ω
8-lead Plastic DIP
0°C to 70°C
X9319UP8I
50K
Ω
8-lead Plastic DIP
-40°C to +85°C
DIP/
SOIC
Symbol
Brief Description
1
INC
Increment. Toggling INC while CS is low moves the wiper either up or down.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement.
3RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
4VSS
Ground.
5R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
6
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
7CS
Chip Select. The device is selected when the CS input is LOW, and de-selected when CS is
high.
8VCC
Supply Voltage.
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9319
DIP/SOIC
VSS
CS
RL
RW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com