Electronic Components Datasheet Search
  English  ▼

X  

X9409 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9409
Description  Quad Digitally Controlled Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409 Datasheet(HTML) 1 Page - Xicor Inc.

  X9409 Datasheet HTML 1Page - Xicor Inc. X9409 Datasheet HTML 2Page - Xicor Inc. X9409 Datasheet HTML 3Page - Xicor Inc. X9409 Datasheet HTML 4Page - Xicor Inc. X9409 Datasheet HTML 5Page - Xicor Inc. X9409 Datasheet HTML 6Page - Xicor Inc. X9409 Datasheet HTML 7Page - Xicor Inc. X9409 Datasheet HTML 8Page - Xicor Inc. X9409 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV 1.6 1/30/03
Characteristics subject to change without notice.
1 of 21
www.xicor.com
Low Noise/Low Power/2-Wire Bus
X9409
Preliminary Information
Quad Digitally Controlled Potentiometers (XDCP™)
FEATURES
• Four potentiometers per package
• 64 resistor taps
• 2-wire serial interface for write, read, and trans-
fer operations of the potentiometer
•50
Ω Wiper resistance, typical at 5V.
• Four non-volatile data registers for each
potentiometer
• Non-volatile storage of multiple wiper position
• Power on recall. Loads saved wiper position on
power up.
• Standby current < 1µA typical
• System VCC: 2.7V to 5.5V operation
• 10K
Ω, 2.5KΩ End to end resistance
• 100 yr. data retention
• Endurance: 100,000 data changes per bit per
register
• Low power CMOS
• 24-lead SOIC, 24-lead TSSOP, and
24-lead CSP (Chip Scale Package) Packages
DESCRIPTION
The
X9409
integrates
4
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
Interface
and
Control
Circuitry
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
VH1/
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
VH0/RHO
Data
8
VW0/
VW1/
R0 R1
R2 R3
Resistor
Array
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Resistor
Array
VH3/RH3
VL3/RL3
VW3/RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
WP
RW1
RH1
RWO
VL0/
RLO
Pot 0
VCC
VSS
APPLICATION NOTES
AVAILABLE
AN99 • AN115 • AN120 • AN124 • AN133 • AN134 • AN135


Similar Part No. - X9409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
Low Noise/Low Power/2-Wire Bus
October 19, 2005
X9409 INTERSIL-X9409 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
October 12, 2006
X9409 INTERSIL-X9409 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
425Kb / 19P
Low Noise/Low Power/2-Wire BusQuad Digitally Controlled Potentiometers (XDCP)
September 3, 2015
More results

Similar Description - X9409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
Quad Digitally Controlled Potentiometers
July 28, 2006
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
Quad Digitally Controlled Potentiometers
September 15, 2006
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
August 29, 2006
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
Quad Digitally-Controlled Potentiometers
April 13, 2007
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
Quad Digitally Controlled Potentiometers
July 28, 2006
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
Quad Digitally Controlled Potentiometers
October 12, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
Quad Digitally Controlled Potentiometers
September 3, 2009
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
Quad Digitally Controlled Potentiometers
May 28, 2009
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
Quad Digitally Controlled Potentiometers
January 15, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com