Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0332 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 77Page - Texas Instruments TMS570LS0332 Datasheet HTML 78Page - Texas Instruments TMS570LS0332 Datasheet HTML 79Page - Texas Instruments TMS570LS0332 Datasheet HTML 80Page - Texas Instruments TMS570LS0332 Datasheet HTML 81Page - Texas Instruments TMS570LS0332 Datasheet HTML 82Page - Texas Instruments TMS570LS0332 Datasheet HTML 83Page - Texas Instruments TMS570LS0332 Datasheet HTML 84Page - Texas Instruments TMS570LS0332 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
7.4.6
High-End Timer Transfer Unit (N2HET)
A High-End Timer Transfer Unit (N2HET) can perform DMA type transactions to transfer N2HET data to or
from main memory. A Memory Protection Unit (MPU) is built into the N2HET.
7.4.6.1
Features
•
CPU independent
•
Master Port to access system memory
•
8 control packets supporting dual buffer configuration
•
Control packet information is stored in RAM protected by parity
•
Event synchronization (N2HET transfer requests)
•
Supports 32- or 64-bit transactions
•
Addressing modes for N2HET address (8 byte or 16 byte) and system memory address (fixed, 32-bit or 64-bit)
•
One shot, circular, and auto switch buffer transfer modes
•
Request lost detection
7.4.6.2
Trigger Connections
Table 7-9. N2HET Request Line Connection
MODULES
REQUEST SOURCE
HTU REQUEST
N2HET
HTUREQ[0]
HTU DCP[0]
N2HET
HTUREQ[1]
HTU DCP[1]
N2HET
HTUREQ[2]
HTU DCP[2]
N2HET
HTUREQ[3]
HTU DCP[3]
N2HET
HTUREQ[4]
HTU DCP[4]
N2HET
HTUREQ[5]
HTU DCP[5]
N2HET
HTUREQ[6]
HTU DCP[6]
N2HET
HTUREQ[7]
HTU DCP[7]
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
81
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com