Electronic Components Datasheet Search
  English  ▼

X  

X9420 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9420
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9420 Datasheet(HTML) 4 Page - Xicor Inc.

  X9420 Datasheet HTML 1Page - Xicor Inc. X9420 Datasheet HTML 2Page - Xicor Inc. X9420 Datasheet HTML 3Page - Xicor Inc. X9420 Datasheet HTML 4Page - Xicor Inc. X9420 Datasheet HTML 5Page - Xicor Inc. X9420 Datasheet HTML 6Page - Xicor Inc. X9420 Datasheet HTML 7Page - Xicor Inc. X9420 Datasheet HTML 8Page - Xicor Inc. X9420 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
X9420
Characteristics subject to change without notice.
4 of 20
REV 1.1.6 7/30/02
www.xicor.com
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received by
the device. The progress of this internal write operation
can be monitored by a Write In Process bit (WIP). The
WIP bit is read with a Read Status command.
INSTRUCTIONS
Address/Identification (ID) Byte
The first byte sent to the X9420 from the host, following
a CS going HIGH to LOW, is called the Address or
Identification byte. The most significant four bits of the
slave address are a device type identifier, for the
X9420 this is fixed as 0101[B] (refer to Figure 2).
The least significant bit in the ID byte selects one of
two devices on the bus. The physical device address is
defined by the state of the A0 input pin. The X9420
compares the serial data stream with the address input
state; a successful compare of the address bit is
required for the X9420 to successfully continue the
command sequence. The A0 input can be actively
driven by a CMOS input signal or tied to VCC or VSS.
The remaining three bits in the ID byte must be set to
110.
Figure 2. Address/Identification Byte Format
Instruction Byte
The next byte sent to the X9420 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next two
bits point to one of four data registers. The format is
shown below in Figure 3.
Figure 3. Instruction Byte Format
1
00
11
0A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions
Figure 1. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
REGISTER 2
REGISTER 3
Serial
Bus
Input
Parallel
Bus
Input
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH
VL
VW
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN VW = VL
IF WCR = 3F[H] THEN VW = VH
Wiper
(WCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com