Electronic Components Datasheet Search
  English  ▼

X  

ZXSC440X8TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC440X8TC
Description  PHOTOFLASH CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440X8TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC440X8TC Datasheet HTML 1Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 2Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 3Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 4Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 5Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 6Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 7Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 8Page - Zetex Semiconductors ZXSC440X8TC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZXSC440
SEMICO NDUC TORS
DRAFT ISSUE F - MAY 2004
2
PARAMETER
LIMIT
UNIT
VCC
-0.3 to +10
V
DRIVE
-0.3 to VCC + 0.3
V
READY
-0.3 to VCC + 0.3
V
CHARGE
-0.3 to The lower of (+5.0) or (VCC +0.3)
V
VFB, SENSE
-0.3 to The lower of (+5.0) or (VCC +0.3)
V
Operating temperature
-40 to +85
°C
Storage temperature
-55 to +150
°C
Power dissipation at 25°C
450
mW
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
VCC range
1.8
8
V
Iq
(1)
Quiescent current
VCC =8V
220
A
ISTDN
Shutdown current
4.5
A
Eff
(2)
Efficiency
85
%
AccREF
Reference tolerance
1.8V < VCC < 8V
-3.0
3.0
%
TCOREF
Reference temp co
0.005
%/°C
TDRV
Discharge pulse width
1.8V < VCC < 8V
1.7
s
FOSC
Operating frequency
200
kHz
INPUT PARAMETERS
VSENSE
Sense voltage
22
28
34
mV
ISENSE
Sense input current
VFB=0V;VSENSE=0V
-1
-7
-15
A
VFB
Feedback voltage
291
300
309
mV
IFB
(2)
Feedback input current
VFB=0V;VSENSE=0V
-1.2
-4.5
A
VIH
(3)
Shutdown threshold
1.5
V
CC
V
VIL
Shutdown threshold
0
0.55
V
dVLN
Line voltage regulation
0.5
%/V
OUTPUT PARAMETERS
IDRIVE
Transistor drive current
VDRIVE = 0.7V
2
3.4
5
mA
VDRIVE
Transistor voltage drive
0
V
CC-0.4
V
CDRIVE
Mosfet gate drive cpbty
300
pF
VOHREADY
Ready flag output high
IEOR = -300nA, TA=25°C
2.5
V
CC
V
VOLREADY
Ready flag output low
IEOR =1mA,TA=25°C
0
1
V
TREADY
TA=25°C
195
s
dILD
Load current regulation
0.01
%/mA
ELECTRICAL CHARACTERISTICS (Test conditions VCC= 3V, T= 25°C unless otherwise stated)
NOTES
(1) Excluding gate/base drive current.
(2) IFB is typically half of these at 3V.
(3) Shutdown pin voltage must not exceed (VCC+0.3V) or 5V, whichever is lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com