Electronic Components Datasheet Search
  English  ▼

X  

X9421 Datasheet(PDF) 14 Page - Xicor Inc.

Part # X9421
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9421 Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X9421 Datasheet HTML 10Page - Xicor Inc. X9421 Datasheet HTML 11Page - Xicor Inc. X9421 Datasheet HTML 12Page - Xicor Inc. X9421 Datasheet HTML 13Page - Xicor Inc. X9421 Datasheet HTML 14Page - Xicor Inc. X9421 Datasheet HTML 15Page - Xicor Inc. X9421 Datasheet HTML 16Page - Xicor Inc. X9421 Datasheet HTML 17Page - Xicor Inc. X9421 Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
X9421
REV 1.1.6 8/1/02
Characteristics subject to change without notice.
14 of 21
www.xicor.com
AC TIMING
Symbol
Parameter
Min.
Max.
Units
fSCK
SSI/SPI Clock Frequency
2.0
MHz
tCYC
SSI/SPI Clock Cycle Time
500
ns
tWH
SSI/SPI Clock High Time
200
ns
tWL
SSI/SPI Clock Low Time
200
ns
tLEAD
Lead Time
250
ns
tLAG
Lag Time
250
ns
tSU
SI, SCK, HOLD and CS Input Setup Time
50
ns
tH
SI, SCK, HOLD and CS Input Hold Time
50
ns
tRI
SI, SCK, HOLD and CS Input Rise Time
2
µs
tFI
SI, SCK, HOLD and CS Input Fall Time
2
µs
tDIS
SO Output Disable Time
0
500
ns
tV
SO Output Valid Time
100
ns
tHO
SO Output Hold Time
0
ns
tRO
SO Output Rise Time
50
ns
tFO
SO Output Fall Time
50
ns
tHOLD
HOLD Time
400
ns
tHSU
HOLD Setup Time
100
ns
tHH
HOLD Hold Time
100
ns
tHZ
HOLD Low to Output in High Z
100
ns
tLZ
HOLD High to Output in Low Z
100
ns
TI
Noise Suppression Time Constant at SI, SCK, HOLD and CS inputs
20
ns
tCS
CS Deselect Time
2
µs
tWPASU
WP, A0 and A1 Setup Time
0
ns
tWPAH
WP, A0 and A1 Hold Time
0
ns
EQUIVALENT A.C. LOAD CIRCUIT
Circuit #3 SPICE Macro Model
5V
1533
Ω
100pF
SDA Output
2.7V
100pF
10pF
RH
RTOTAL
CH
25pF
CW
CL
10pF
RW
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com