Electronic Components Datasheet Search
  English  ▼

X  

8401000000 Datasheet(PDF) 155 Page - List of Unclassifed Manufacturers

Part # 8401000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8401000000 Datasheet(HTML) 155 Page - List of Unclassifed Manufacturers

Back Button 8401000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 8401000000 Datasheet HTML 159Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
153
Tolerances
Aluminum
Nominal Dimension Area
Table 1. Deviations in lengthwise dimensions (lengths, widths, heights, central distances, diameters, roundings).
Shape
dependency
Intrinsic
Non-Intrinsic
Degree of
accuracy
GTA 15/5
TOLERANCES FOR CHILL
CASTINGS (DIN 1688)*
Degree of
accuracy
GTA 15/5
Shape
dependency
Intrinsic
Non-Intrinsic
up to
18
±0.45
±0.55
over
18
up to
30
±0.50
±0.65
over
30
up to
50
±0.60
±0.80
over
50
up to
80
±0.75
±0.95
over
80
up to
120
±0.85
±1.10
over
120
up to
180
±1.00
±1.30
over
180
up to
250
±1.20
±1.50
over
250
up to
315
±1.30
±1.60
over
315
up to
400
±1.40
±1.80
over
400
up to
500
±1.60
±2.00
over
500
up to
630
±1.70
±2.20
over
630
up to
800
±2.00
±2.50
over
800
up to
1000
±2.30
±2.80
over
1000
up to
1250
±2.60
±3.30
Table 2. Deviations in thickness (wall thicknesses, ledges, ribs).
up to
6
±0.60
±0.80
over
6
up to
10
±1.20
±1.50
over
10
up to
18
±1.80
±2.20
Nominal Dimension Area
Intrinsic dimensions are those in the same parts of the
tool. Non-intrinsic dimensions are those created by the
interactions of movable tool components, e.g. wall
thicknesses and base thicknesses or dimensions
affected by additives or extenders.
*Important: We assume no liability for quoted standards!
In the case of raw castings made of light metal alloys in the chill casting process, all deviations in
dimensions are essentially dependent on :
a). the dimensional accuracy of the mold, characterized by the degree of accuracy
b). the position of the mold division, cores, extenders, characterized by the subdivision into intrinsic
and non-intrinsic dimensions (see DIN 1680 part 1)
c). the nominal dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com