| Electronic Components Datasheet Search |
|
8401000000 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8401000000 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers |
|
33 / 164 page ![]() Dimensions mm Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. *Available on request L = Enclosure with air vents B = Cover panel closed BL = Cover panel with air vents F = Membrane keypad ared For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 31 Dimensions mm Dimensions Inches L x W x H L x W x H 100 x 54 x 30 100 x 54 x 30 100 x 54 x 40 100 x 54 x 40 125 x 67 x 30 129 x 71 x 30 125 x 67 x 30 125 x 67 x 30 125 x 67 x 30 125 x 67 x 31 125 x 67 x 31 125 x 67 x 40 129 x 71 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 40 125 x 67 x 41 125 x 67 x 50 129 x 71 x 50 125 x 67 x 50 125 x 67 x 50 125 x 67 x 50 125 x 67 x 50 125 x 67 x 50 125 x 67 x 50 125 x 67 x 51 125 x 67 x 51 3.94 x 2.12 x 1.18 3.94 x 2.12 x 1.18 3.94 x 2.12 x 1.54 3.94 x 2.12 x 1.54 4.92 x 2.64 x 1.18 5.08 x 2.79 x 1.18 4.92 x 2.67 x 1.18 4.92 x 2.64 x 1.18 4.92 x 2.64 x 1.18 4.92 x 2.64 x 1.22 4.92 x 2.64 x 1.22 4.92 x 2.64 x 1.57 5.08 x 2.79 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.57 4.92 x 2.64 x 1.61 4.92 x 2.64 x 1.61 4.92 x 2.64 x 1.97 5.08 x 2.79 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 1.97 4.92 x 2.64 x 2.01 4.92 x 2.64 x 2.01 Model Number Description WL 1230 EG SA 1230 EG AK 1230 EG MP 10 EG MP 12 EG S 1230 EG MP 15 EG MP 20 EG Wall mounting brackets (set of 4) Base screw covers (set of 4) Keyhole knockout covers (set of 4) Mounting plate for EG 1030-1040 Mounting plate for EG 1230-1250 4 assembly screws Mounting plate for EG 1530-1560 Mounting plate for EG 2030-2070 • Provides optimal protection for your electronic products • Versions available with or without ventilation • Design covers and front panels made of aluminum or plastic also available Executive Enclosures Included in delivery Lid and base, screws and cover or front panel depending on model. Technical Data Color Material Ingress Protection Flammability Surface Resistance Upper section, light gray, similar to RAL 7035. Lower section, agate gray, similar to RAL 7038. Impact resistant polystyrene IP 40 DIN EN 60529, dusttight UL 94 HB/1.47 >1013 Ohm to DIN 53482 Accessories EG 1530 EG 1530 L EG 1530 B* EG 1530 L-BL* EG 1530 F EG 1530 FL* EG 1545 EG 1545 L EG 1545 B* EG 1545 L-BL* EG 1545 FK EG 1545 L-BL-FK* EG 1545 B-FK* EG 1545 F EG 1545 FL* EG 1560 EG 1560 L EG 1560 B* EG 1560 L-BL* EG 1560 FK EG 1560 L-BL-FK* EG 1560 B-FK* EG 1560 F EG 1560 FL* EG 2030 EG 2030 L EG 2030 B* EG 2030 L-BL* EG 2030 F EG 2030 FL* EG 2050 EG 2050 L EG 2050 B* EG 2050 L-BL* EG 2050 FK EG 2050 L-BL-FK* EG 2050 B-FK* EG 2050 F EG 2050 FL* EG 2070 EG 2070 L EG 2070 B* EG 2070 L-BL* EG 2070 FK EG 2070 L-BL-FK* EG 2070 B-FK* EG 2070 F EG 2070 FL* 32203002 00 32203012 00 32203032 00 32203022 00 32203062 00 32203067 00 32205002 00 32205012 00 32205032 00 32205022 00 32205042 00 32205055 00 32205052 00 32205062 00 32205067 00 32207002 00 32207012 00 32207032 00 32207022 00 32207042 00 32207057 00 32207052 00 32207062 00 32207067 00 32153002 00 32153012 00 32153032 00 32153022 00 32153062 00 32153067 00 32154502 00 32154512 00 32154532 00 32154522 00 32154542 00 32154557 00 32154552 00 32154563 00 32154567 00 32156002 00 32156012 00 32156032 00 32156022 00 32156042 00 32156057 00 32156052 00 32156062 00 32156067 00 Dimensions Inches Dimensions Inches Model Number Part Number Model Number Model Number Part Number Dimensions mm L x W x H L x W x H L x W x H L x W x H 5.90 x 3.23 x 1.18 5.90 x 3.23 x 1.18 5.90 x 3.13 x 1.18 5.90 x 3.13 x 1.18 5.90 x 3.23 x 1.22 5.90 x 3.23 x 1.22 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.77 5.90 x 3.23 x 1.81 5.90 x 3.23 x 1.81 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.36 5.90 x 3.23 x 2.40 5.90 x 3.23 x 2.40 7.87 x 4.41 x 1.18 7.87 x 4.41 x 1.18 7.87 x 4.41 x 1.18 7.87 x 4.41 x 1.18 7.87 x 4.41 x 1.22 7.87 x 4.41 x 1.22 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 1.97 7.87 x 4.41 x 2.01 7.87 x 4.41 x 2.01 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.75 7.87 x 4.41 x 2.79 7.87 x 4.41 x 2.79 150 x 82 x 30 150 x 82 x 30 150 x 82 x 30 150 x 82 x 30 150 x 82 x 31 150 x 82 x 31 150 x 82 x 45 150 x 82 x 45 150 x 82 x 45 150 x 82 x 45 150 x 82 x 45 150 x 82 x 45 150 x 82 x 45 150 x 82 x 46 150 x 82 x 46 150 x 82 x 60 150 x 82 x 60 150 x 82 x 60 150 x 82 x 60 150 x 82 x 60 150 x 82 x 60 150 x 82 x 60 150 x 82 x 61 150 x 82 x 61 200 x 112 x 30 200 x 112 x 30 200 x 112 x 30 200 x 112 x 30 200 x 112 x 31 200 x 112 x 31 200 x 112 x 50 200 x 112 x 50 200 x 112 x 50 200 x 112 x 50 200 x 112 x 50 200 x 112 x 50 200 x 112 x 50 200 x 112 x 51 200 x 112 x 51 200 x 112 x 70 200 x 112 x 70 200 x 112 x 70 200 x 112 x 70 200 x 112 x 70 200 x 112 x 70 200 x 112 x 70 200 x 112 x 71 200 x 112 x 71 EG 1030 EG 1030 L EG 1040 EG 1040 L EG 1230 EG-AL 1230 EG 1230 L EG 1230 B* EG 1230 L-BL* EG 1230 F EG 1230 FL* EG 1240 EG-AL 1240 EG 1240 L EG 1240 B* EG 1240 L-BL* EG 1240 FK EG 1240 F-BL-FK* EG 1240 B-FK* EG 1240 F EG 1240 F-L* EG 1250 EG-AL 1250 EG 1250 L EG 1250 B* EG 1250 L-BL* EG 1250 FK EG 1250 L-BL-FK* EG 1250 B-FK* EG 1250 F EG 1250 FL* 32103000 00 32103010 00 32104000 00 32104010 00 32123002 00 32123090 00 32123012 00 32123032 00 32123022 00 32123062 00 32123067 00 32124002 00 32124090 00 32124012 00 32124032 00 32124022 00 32124042 00 32124057 00 32124052 00 32124062 00 32124067 00 32125002 00 32125090 00 32125012 00 32125032 00 32125022 00 32125042 00 32125057 00 32125052 00 32125062 00 32125067 00 Part Number FK = Plastic front panel FKL = Plastic front panel with integrated ventilation DOB = Front access lid screws (factory installaiton recommended) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |