Electronic Components Datasheet Search
  English  ▼

X  

REM10 Datasheet(PDF) 1 Page - Recom International Power

Part # REM10
Description  Reinforced Insulation for 250VAC Working Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM10 Datasheet(HTML) 1 Page - Recom International Power

  REM10 Datasheet HTML 1Page - Recom International Power REM10 Datasheet HTML 2Page - Recom International Power REM10 Datasheet HTML 3Page - Recom International Power REM10 Datasheet HTML 4Page - Recom International Power REM10 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CTRL Option (4)
Pinning (3)
Input Type (2)
Model Numbering
DC/DC Converter
Output Power
Input Voltage (1)
Output Voltage
Single or Dual
MED-1
REV.: 06/2016
www.recom-power.com
Notes:
Note1: for 4:1 Input Voltage Type add “W”, see Note 2.
2:1
nom. Vin
4:1 “W”
nom. Vin
xx= 4.5-9 Vin =
“05”
xx= 9-36Vin
=
“24”
xx= 9-18Vin
=
“12”
xx= 18-75Vin =
“48”
xx= 18-36Vin =
“24”
xx= 36-75Vin =
“48”
Note2: Blank for Standard 2:1 Input Voltage Range; „W“ suffix for 4:1 Input Voltage Range
Note3: „A“ suffix for A pinning; „C“ suffix for C pinning, for more details refer to Package Style and Pinning
Note4: „CTRL“ suffix for control pin option, for A pinning only, for C pinning not aviable
Examples:
REM10-0512D/A
=
2:1 Input, 4.5-9Vin,
±12Vout, pinout „A“, without control pin
REM10-1215S/C
=
2:1 Input, 9-18Vin,
15Vout,
pinout „C“, without control pin
REM10-4815SW/A/CTRL =
4:1 Input, 36-75Vin, 15Vout,
pinout „A“ with control pin
REM10-243.3SW/C
=
4:1 Input, 9-36Vin,
3.3Vout,
pinout „C“, without control pin
10 Watt
2:1 & 4:1
DIP24
Single and Dual
Output
5 YEAR
warranty
5
REM10- __ __ __ __ / __ __
Features
Regulated
Converters
• Reinforced Insulation for 250VAC Working Voltage
• Clearance and Creepage Distance: 8mm
• 5kVAC I/P to O/P 2MOPP Isolation
• 2µA Patient Leakage Current
• Industry Standard Pinout
• 2:1 and 4:1 Wide Input Range
Description
The REM10 series of medical grade regulated DC/DC converters features reinforced 5kVAC/1 minute
isolation with low 2µA leakage and are 60601-1 3rd Ed. certified for 250VAC continuous working. The
compact DIP24 package offers tightly regulated single and dual outputs, even under no-load conditions.
The outputs are short circuit and overload protected. The converters are available in two different pin-
ning options and optionally with an external control pin for standby consumption as low as 12.5mW. The
converters are fully certified to CB, IEC/EN and ANSI/AAMI standards and carry UL mark.
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
[VDC]
[VDC]
[mA]
[%]
[µF]
REM10-xx3.3S/ (3,4)
5 / 12 / 24 / 48
3.3
2500
80 / 83 / 83 / 82.5
3000
REM10-xx05S/ (3,4)
5 / 12 / 24 / 48
5
2000
84 / 85.5 / 86.5 / 86.5
2500
REM10-xx12S/ (3,4)
5 / 12 / 24 / 48
12
830
86.5 / 88 / 89 / 89
430
REM10-xx15S/ (3,4)
5 / 12 / 24 / 48
15
670
87 / 89 / 89 / 89
350
REM10-xx24S/ (3,4)
5 / 12 / 24 / 48
24
416
85.5 / 89 / 89 / 88.
125
REM10-xxx05D/ (3,4)
5 / 12 / 24 / 48
±5
±1000
83 / 84 / 85 / 85
±1440
REM10-xx12D/ (3,4)
5 / 12 / 24 / 48
±12
±416
85.5 / 89 / 89 / 88
±250
REM10-xx15D/ (3,4)
5 / 12 / 24 / 48
±15
±333
86.5 / 88 / 89 / 88
±180
REM10-xx3.3SW/ (3,4)
24 / 48
3.3
2500
83 / 82.5
3000
REM10-xx05SW/ (3,4)
24 / 48
5
2000
86.5 / 86.5
2500
REM10-xx12SW/ (3,4)
24 / 48
12
830
89 / 89
430
REM10-xx15SW/ (3,4)
24 / 48
15
670
89 / 89
350
REM10-xx24SW/ (3,4)
24 / 48
24
416
89 / 88.5
125
REM10-xx05DW/ (3,4)
24 / 48
±5
±1000
85 / 85
±1440
REM10-xx12DW/ (3,4)
24 / 48
±12
±416
89 / 88
±250
REM10-xx15DW/ (3,4)
24 / 48
±15
±333
88 / 88
±180
REM10
IEC-60601-1 Certified
ES-60601-1 Certifed
EN-55011 Certified
EN-55022 Certified
2MOPP
250VAC
E314885


Similar Part No. - REM10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM10-0505D RECOM-REM10-0505D Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0505S RECOM-REM10-0505S Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0512D RECOM-REM10-0512D Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0512S RECOM-REM10-0512S Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0515D RECOM-REM10-0515D Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results

Similar Description - REM10

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Total Power Internation...
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM5E RECOM-REM5E Datasheet
1Mb / 8P
2MOPP, 250VAC working voltage isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com