Electronic Components Datasheet Search
  English  ▼

X  

RK-RH Datasheet(PDF) 1 Page - Recom International Power

Part # RK-RH
Description  Optional Continuous Short Circuit Protected
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-RH Datasheet(HTML) 1 Page - Recom International Power

  RK-RH Datasheet HTML 1Page - Recom International Power RK-RH Datasheet HTML 2Page - Recom International Power RK-RH Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
5V output type
15% max.
(10% to 100% full load)
9V, 12V, 15V, 24V output types
10% max.
RH-xx1509D
10% max.
Output Ripple and Noise (20MHz limited)
Single output types
100mVp-p max.
Dual output types
±75mVp-p max.
Operating Frequency
RK types
50kHz min. / 100kHz typ. / 105kHz max.
RH types
57kHz min. / 100kHz typ. / 105kHz max.
RK-xx1509D
50kHz min. / 88kHz typ.
Efficiency at Full Load
70% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
4000VDC
H-Suffix
(rated for 1 minute***)
2000VAC / 60Hz
Isolation Capacitance
RK types
20pF min. / 75pF max.
RH types
20pF min. / 65pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection, without derating)
-40°C to +90°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
continued on next page
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RK_RH
EN-60950-1 Certified
IEC/EN-60601-1 Certified**
UL-60950-1 Certified**
** +15/-9 Version excluded
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SIP 7
(4kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RK-xx05S*
(H)
5, 12, 15, 24
5
200
70-78
1000µF
RK-xx09S*
(H)
5, 12, 15, 24
9
111
70-80
1000µF
RK-xx12S*
(H)
5, 12, 15, 24
12
84
78-82
470µF
RK-xx15S*
(H)
5, 12, 15, 24
15
66
80-82
470µF
RH-xx05D*
(H)
5, 12, 15, 24
±5
±100
74-78
±470µF
RH-xx09D*
(H)
5, 12, 15, 24
±9
±56
76-79
±470µF
RH-xx12D*
(H)
5, 12, 15, 24
±12
±42
78-84
±220µF
RH-xx15D*
(H)
5, 12, 15, 24
±15
±33
80-84
±220µF
RH-xx1509D*
(H)
5, 12, 24
+15/-9
+33/-56
70-81
+220/-470µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RK-0505S/P, RK-0505S/HP
100
60
20
40
100
50
0
-40
90
150
Operating Temperature °C
0
80
Safe Operating Area
95
1 Watt
SIP7
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
● 3kVDC or 4kVDC Isolation
● Optional Continuous Short Circuit Protected
● Custom Solutions Available
● UL94V-0 Package Material
● Efficiency to 84 %
● Suitable for IGBT Applications
Features
Unregulated
Converter
Description
The RK and RH Series DC/DC-Converter complements Recom’s industrial range of converters
with very high isolations of 3KV and 4kVDC. The extended operating temperature range
covering –40°C to +90°C is a standard feature. The converters are EN-60601-1 certified,
making them suitable for medical as well as IGBT driver applications.
Refer to Application Notes
RoHS
2011/65/EU
6/6
E-358085
***Any data referred to in this datasheet are of indicative nature and
based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 0/2015
E-57
www.recom-power.com


Similar Part No. - RK-RH

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
RK-RMB DWYER-RK-RMB Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
More results

Similar Description - RK-RH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
Analog Devices
917 AD-917_15 Datasheet
2Mb / 6P
Short Circuit Protected
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
Continuous short circuit protection
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
Continuous Short Circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
Continuous short circuit protection
logo
Recom International Pow...
RK_RH RECOM-RK_RH Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RJZ-RGZ RECOM-RJZ-RGZ Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RNM RECOM-RNM Datasheet
108Kb / 3P
Optional Continuous Short Circuit Protected
logo
STMicroelectronics
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
Short-circuit protected
27-Sep-2011
logo
PEAK electronics GmbH
P44TG-243R3E41LF PEAK-P44TG-243R3E41LF Datasheet
155Kb / 4P
Continuous Short Circuit Prot
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com