Electronic Components Datasheet Search
  English  ▼

X  

RM-E Datasheet(PDF) 1 Page - Recom International Power

Part # RM-E
Description  Uses include battery powered supplies, high efficiency designs or high temperature applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RM-E Datasheet(HTML) 1 Page - Recom International Power

  RM-E Datasheet HTML 1Page - Recom International Power RM-E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RM/E
Selection Guide
0.25 Watt
SIP4
Single Output
Derating-Graph
(Ambient Temperature)
● 1 : 1 Input Range
● 0.25W SIP4 Package
● Efficiency up to 82%
● 1kVDC and 2kVDC Isolation Option
● Operating Temperature from -40°C to +100°C
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
RM-3.305S/E*
3.3
5
50
80
1000µF
RM-0505S/E*
5
5
50
82
1000µF
RM-1205S/E*
12
5
50
78
1000µF
Other input and output voltage combinations available on request
*add Suffix „H“ for 2 kVDC Isolation, e.g. RM-3.305S/HE
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage full load and after warm-up)
Input Voltage Range
±10% max.
Voltage set accuracy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1,2% typ.
Load Regulation
(10% to 100% Load)
4% typ. / 10% max.
Ripple & Noise @ 20MHz BW
RM-3.305S/E
35mVp-p typ. / 60mVp-p max.
others
35mVp-p typ. / 50mVp-p max.
Efficiency
100% Load
70% min.
Operating Temperature
-40°C to + 100°C
Storage Temperature
-55°C to +125°C
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix (tested for 1 second)
2000VDC
H-Suffix (rated for 1 minute**)
1000VAC / 60 Hz
Isolation Capacitance
75PF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Short-Circuit Protection
1 Second
MTBF
Using MIL-HDBK 217F (+100°C)
1352 x 10³ hours
Using MIL-HDBK 217F (+25°C)
4494 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Weight
1.4 g
Description The RM/E series DC/DC converter has been designed to offer exceptionally high
efficiency, low quiescent current and an extended operating temperature range.
Uses include battery powered supplies, high efficiency designs or high
temperature applications.
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to
our Application Notes.
Notes
Note1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1second without
damage to the converter.
REV: 0/2015
www.recom-power.com
E-4


Similar Part No. - RM-E

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RM-01 DBLECTRO-RM-01 Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
RM-01 DBLECTRO-RM-01 Datasheet
407Kb / 3P
Surface Mouting Type Dip Swith
logo
Standex Electronics, In...
RM-01-020 STANDEX-RM-01-020 Datasheet
271Kb / 1P
RM-01-020 Magnet for Position and Speed Sensors
Rev A
RM-01-071 STANDEX-RM-01-071 Datasheet
245Kb / 1P
RM-01-071Magnet for Angle Position Sensor
Rev A
logo
DB Lectro Inc
RM-01-R DBLECTRO-RM-01-R Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
More results

Similar Description - RM-E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Pericom Semiconductor C...
PI3USB10LP-A PERICOM-PI3USB10LP-A Datasheet
558Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
PMU for Alkaline Battery-Powered Applications
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
AN856 SILABS-AN856 Datasheet
935Kb / 3P
LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
logo
Pericom Semiconductor C...
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com