Electronic Components Datasheet Search
  English  ▼

X  

RNM Datasheet(PDF) 1 Page - Recom International Power

Part # RNM
Description  Optional Continuous Short Circuit Protected
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RNM Datasheet(HTML) 1 Page - Recom International Power

  RNM Datasheet HTML 1Page - Recom International Power RNM Datasheet HTML 2Page - Recom International Power RNM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refer to Application Notes
RNM
ECONOLINE
DC/DC-Converter
with 3 year Warranty
The RNM series DC/DC converters are ultra-compact isolated single output converters for
applications where board space is at a premium. Despite their small size, the converters are
fully featured with a full industrial operating temperature range of -40°C to +85°C without
derating (+100°C with derating), 1kVDC or 2kVDC isolation and optional short circuit
protection. The converters are also UL-60950 and EN-60950 certified and have a CB Report.
Part
Input
Output
Output
Efficiency
Max.
Number
Voltage
Voltage
Current
Capacitive
DIP6
(2kV)
(VDC)
(VDC)
(mA)
(%)
Load (1)
RNM-xx3.3S
(H)
3.3, 5, 12, 15
3.3
303
75
2200μF
RNM-xx05S
(H)
3.3, 5, 12, 15
5
200
70-78
1000μF
RNM-xx09S
(H)
3.3, 5, 12, 15
9
111
70-78
1000μF
RNM-xx12S
(H)
3.3, 5, 12, 15
12
83
76-78
470μF
RNM-xx15S
(H)
3.3, 5, 12, 15
15
66
78-84
470μF
x = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RNM-0505S/P, RNM-0505S/HP
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output type
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V and 15V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
Rated Working Voltage
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.1g
Packing Quantity
60 pcs per Tube
continued on next page
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
1 Watt
DIP6
Single Output
Derating-Graph
(Ambient Temperature)
● Ultra-compact - only 8.3 x 8.3 x 6.8mm
● 1kVDC or 2KVDC Isolation
● No External Components Required
● Optional Continuous Short Circuit Protected
● Fully Encapsulated
● UL and EN Certified, CB Report
● Efficiency to 84%
Features
Unregulated
Converters
Description
UL-60950-1 Certified
EN-60950-1 Certified
E358085
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 0/2015
www.recom-power.com
E-32


Similar Part No. - RNM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RNM-0505S RECOM-RNM-0505S Datasheet
108Kb / 3P
1 Watt DIP6 Single Output
RNM-0509S RECOM-RNM-0509S Datasheet
108Kb / 3P
1 Watt DIP6 Single Output
logo
List of Unclassifed Man...
RNM-0512S ETC2-RNM-0512S Datasheet
107Kb / 3P
1 Watt DIP6 Single Output
logo
Recom International Pow...
RNM-0512S RECOM-RNM-0512S Datasheet
107Kb / 3P
Ultra-compact - only 8.3 x 8.3 x 6.8mm
RNM-0512S RECOM-RNM-0512S Datasheet
108Kb / 3P
1 Watt DIP6 Single Output
More results

Similar Description - RNM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
Analog Devices
917 AD-917_15 Datasheet
2Mb / 6P
Short Circuit Protected
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
Continuous short circuit protection
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
Continuous Short Circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
Continuous short circuit protection
logo
Recom International Pow...
RK_RH RECOM-RK_RH Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RJZ-RGZ RECOM-RJZ-RGZ Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
RK-RH RECOM-RK-RH Datasheet
129Kb / 3P
Optional Continuous Short Circuit Protected
logo
STMicroelectronics
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
Short-circuit protected
27-Sep-2011
logo
PEAK electronics GmbH
P44TG-243R3E41LF PEAK-P44TG-243R3E41LF Datasheet
155Kb / 4P
Continuous Short Circuit Prot
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com