Electronic Components Datasheet Search
  English  ▼

X  

TPS54560 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54560 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54560 Datasheet HTML 17Page - Texas Instruments TPS54560 Datasheet HTML 18Page - Texas Instruments TPS54560 Datasheet HTML 19Page - Texas Instruments TPS54560 Datasheet HTML 20Page - Texas Instruments TPS54560 Datasheet HTML 21Page - Texas Instruments TPS54560 Datasheet HTML 22Page - Texas Instruments TPS54560 Datasheet HTML 23Page - Texas Instruments TPS54560 Datasheet HTML 24Page - Texas Instruments TPS54560 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
p
´
´
O
O
1
P2 =
type 1
2
R
(C2 + C )
p
´
´
O
O
1
P2 =
type 2b
2
R3 | | R
C
p
´
´
O
O
1
P2 =
type 2a
2
R3 | | R
(C2 + C )
1
Z1
2
R3
C1
=
p ´
´
1
P1
2
Ro
C1
=
p ´
´
ea
R2
A1 = gm
Ro| | R3
R1 + R2
´
´
ea
R2
A0 = gm
Ro
R1 + R2
´
´
f
f
f
Z1
P1
P2
s
1
2
EA
A0
s
s
1
1
2
2
æ
ö
+
ç
÷
p ´
è
ø
=
´
æ
ö æ
ö
+
´
+
ç
÷ ç
÷
p ´
p ´
è
ø è
ø
p
´
ea
O
gm
C
=
2
BW (Hz)
ea
Aol(V/V)
Ro =
gm
A0
A1
P1
Z1
P2
Aol
BW
21
TPS54560
www.ti.com
SLVSBN0B – MARCH 2013 – REVISED AUGUST 2016
Product Folder Links: TPS54560
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 34. Frequency Response of the Type 2A and Type 2B Frequency Compensation
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com