Electronic Components Datasheet Search
  English  ▼

X  

DC95 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # DC95
Description  Precision, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DC95 Datasheet(HTML) 3 Page - Amphenol Corporation

  DC95 Datasheet HTML 1Page - Amphenol Corporation DC95 Datasheet HTML 2Page - Amphenol Corporation DC95 Datasheet HTML 3Page - Amphenol Corporation DC95 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TypeEC95Specifications
NTC Interchangeable Thermistor
Chip
Epoxy-coated, NTC interchangeable thermistor
chips with bare tinned 180 alloy lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of 1000
Ω to
100 k
Ω
• Other tolerances or ranges
• Alternative lead-wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1 mW/°C
Stirred oil:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
Ordering Information
Select appropriate part number below for resistance and
temperature tolerance desired.
R25°C
Material
System
-4°F to 122°F
(-20°C to 50°C)
±0.36°F (±0.2°C)
32°F to 158°F
(0°C to 70°C)
±0.18°F (±0.1°C)
32°F to 158°F
(0 to 70°C)
±0.36°F (±0.2°C)
2252
F
EC95F232U
EC95F232V
EC95F232W
3000
F
EC95F302U
EC95F302V
EC95F302W
5000
F
EC95F502U
EC95F502V
EC95F502W
10000
F
EC95F103U
EC95F103V
EC95F103W
10000
Y
EC95Y103U
EC95Y103V
EC95Y103W
30000
H
EC95H303U
EC95H303V
EC95H303W
50000
G
EC95G503U
EC95G503V
EC95G503W
100000 G
EC95G104V
EC95G104W
Notes:
1. ForRoHScompliantproduct,pleaseaddthesuffix“N”
to the part label. Example: EC95F103VN
2. For RoHS compliant product with applications below
0°C,pleaseaddthesuffix“H”tothepartlabel.
Example: EC95F103VH
NTC Interchangeable Type EC95 dimensions
Tinned alloy
180 leads
Ø 0.008 in
(0.20 mm)
2.5 in (63.5 mm) nom
Epoxy-coated
thermistor chip
Ø 0.095 in
(2.4 mm)
max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com