Electronic Components Datasheet Search
  English  ▼

X  

GC11 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # GC11
Description  Thermometrics Glass Encapsulated NTC Chip Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC11 Datasheet(HTML) 4 Page - Amphenol Corporation

  GC11 Datasheet HTML 1Page - Amphenol Corporation GC11 Datasheet HTML 2Page - Amphenol Corporation GC11 Datasheet HTML 3Page - Amphenol Corporation GC11 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R-vs-T Curve
Material System:
Temperature °C
GC1
A
GC2
A
GC3
A
GC4
F
GC9
B
GC6
G
GC10
D
GC11
D
185
0.02351
0.01391
0.00944
0.00808
0.00633
0.00524
0.00443
190
0.02180
0.01273
0.00857
0.00731
0.00569
0.00468
0.00395
195
0.02024
0.01168
0.00780
0.00663
0.00512
0.00420
0.00353
200
0.01882
0.01073
0.00711
0.00602
0.00463
0.00377
0.00316
205
Please
enquire for
details.
0.00988
0.00649
0.00548
0.00418
0.00339
0.00283
210
0.00911
0.00594
0.00499
0.00379
0.00306
0.00254
215
0.00841
0.00544
0.00456
0.00344
0.00276
0.00229
220
0.00778
0.00500
0.00417
0.00313
0.00250
0.00207
225
0.00721
0.00460
0.00382
0.00285
0.00227
0.00187
230
0.00669
0.00423
0.00351
0.00261
0.00206
0.00169
235
0.00622
0.00390
0.00322
0.00238
0.00187
0.00153
240
0.00579
0.00361
0.00297
0.00218
0.00171
0.00139
245
0.00539
0.00334
0.00274
0.00200
0.00156
0.00127
250
0.00503
0.00309
0.00253
0.00184
0.00143
0.00116
GC
GC
16
14
11
Style “GC” denotes GLASS ENCAPSULATED CHIP structure
Nominal Diameter in mils: 14= 0.014” nom, 0.016” max; 16 = 0.016” nom,
0.017” max, 11 = 0.011” nom., 0.012” max.
Lead configuration code letter
“K” = adjacent cut leads
“P” = opposite cut leads
Material System Code Letter (see table on page2)
Zero-power resistance as 25°C (see NOTE 2)
Tolerance Code Letter (See Note 1
and Standard Tolerances)
K
F
104
K
Coding
NOTE 1: Special tolerances are available on request. Consult factory for special resistance tolerances, non-
standard resistances and/or non-standard temperatures.
NOTE 2: The zero-power resistance at 25°C, expressed in ohms, is identified by a three-digit code number. The
first two digits represent significant figures, and the last digit specifies the number of zeros to follow.
Example: 51 kOhms = “513”. The standard resistance values are from the 24-value series decade as
specified in Military Standard MS90178.
1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4 / 2.7 / 3.0
3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1
AAS-920-584A-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com