Electronic Components Datasheet Search
  English  ▼

X  

NK501 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NK501
Description  Thermometrics Epoxy-Coated Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NK501 Datasheet(HTML) 2 Page - Amphenol Corporation

  NK501 Datasheet HTML 1Page - Amphenol Corporation NK501 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R25
W
Material
System
B Value
25/85°C
K
Maximum
Operating
Temperature
°F (°C)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
500
2
3540±1%
257(125)
NK501C2*2
NK501C2*3
NK501C2*5
NK501C*R10
500
2A
3627±1%
257(125)
NK501C2A*2
NK501C2A*3
NK501C2A*5
NK501C2A*10
1000
2
3540±1%
257(125)
NK102C2*2
NK102C2*3
NK102C2*5
NK102C2*10
1000
2A
3627±1%
257(125)
NK102C2A*2
NK102C2A*3
NK102C2A*5
NK102C2A*10
2000
2
3540±1%
257(125)
NK202C2*2
NK202C2*3
NK202C2*5
NK202C2*10
2000
2A
3627±1%
257(125)
NK202C2A*2
NK202C2A*3
NK202C2A*5
NK202C2A*10
2200
1
3977±0.75%
311(155)
NK222C1*1
NK222C1*2
NK222C1*3
NK222C1*5
NK222C1*10
2700
1
3977±0.75%
311(155)
NK272C1*1
NK272C1*2
NK272C1*3
NK272C1*5
NK272C1*10
5000
1
3977±0.75%
311(155)
NK502C1*1
NK502C1*2
NK502C1*3
NK502C1*5
NK502C1*10
5000
4A
3436±1%
311(155)
NK502C4A*1
NK502C4A*2
NK502C4A*3
NK502C4A*5
NK502C4A*10
10000
1
3977±0.75%
311(155)
NK103C1*1
NK103C1*2
NK103C1*3
NK103C1*5
NK103C1*10
10000
4A
3436±1%
311(155)
NK103C4A*1
NK103C4A*2
NK103C4A*3
NK103C4A*5
NK103C4A*10
10000
5
3740±1%
311(155)
NK103C5*1
NK103C5*2
NK103C5*3
NK103C5*5
NK103C5*10
12000
5
3740±1%
311(155)
NK123C5*1
NK123C5*2
NK123C5*3
NK123C5*5
NK123C5*10
30000
8
3977±1%
311(155)
NK303C8*1
NK303C8*2
NK303C8*3
NK303C8*5
NK303C8*10
50000
8
3977±1%
311(155)
NK503C8*1
NK503C8*2
NK503C8*3
NK503C8*5
NK503C8*10
See separate tables for resistance - temperature data.
3 mm
max
Ø 0.0195 in (0.5 mm)
3 mm
max
1.56 in (40 mm) min
0.195 in (5 mm)
max
0.27 in (7 mm)
max
0.0975 in (2.5 mm) nom
TypeNK
Specifications
Chipthermistorwithsolder-coatedwires
Ordering Information
Replace * in the codes shown above
as follows:
• Loose-packed:R
• Bandoliered:B
Options
Otherresistancevalueswithintherangesshown;
• e.g.codeNK701C2*2for700
W±2%at77°F
(25°C)
• Referencetemperaturesotherthan77°F(25°C)
• Wirelengths0.47into1.57in(12mmto40
mm)(±1mm)
Data
• Minimumoperatingtemperature:-40°F(-40°C)
• Maximumoperatingtemperature:Seetable
• Thermaltimeconstant:15s(cooling),2.45
(ambientchange)
• Dissipationfactor:2.2mW/K
• Mass:0.00040lbs(0.18g)
• Packing/MOQ:1000/box(loose)
2000/reel(bandoliered)
NTC Type NK Dimensions
AAS-920-573C 09/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com