Electronic Components Datasheet Search
  English  ▼

X  

UM2049 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2049
Description  DSI to Raspberry Pi® LCD adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2049 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2049 Datasheet HTML 3Page - STMicroelectronics UM2049 Datasheet HTML 4Page - STMicroelectronics UM2049 Datasheet HTML 5Page - STMicroelectronics UM2049 Datasheet HTML 6Page - STMicroelectronics UM2049 Datasheet HTML 7Page - STMicroelectronics UM2049 Datasheet HTML 8Page - STMicroelectronics UM2049 Datasheet HTML 9Page - STMicroelectronics UM2049 Datasheet HTML 10Page - STMicroelectronics UM2049 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Raspberry Pi® LCD connector
UM2049
8/11
DocID029199 Rev 1
3
Raspberry Pi® LCD connector
A standard Raspberry Pi® LCD connector CN1 is implemented on DSI to Raspberry Pi®
LCD adapter board. The pinout is detailed in Table 2.
Table 2. Raspberry Pi® connector CN1
Pin number
Description
Pin number
Description
1GND
16
-
2
DSI_D1_N
17
-
3
DSI_D1_P
18
-
4GND
19
-
5
DSI_CK_N
20
-
6
DSI_CK_P
21
-
7GND
22
-
8
DSI_D0_N
23
-
9
DSI_D0_P
24
-
10
GND
25
-
11
I2C_SCL
26
-
12
I2C_SDA
27
-
13
GND
28
-
14
+3.3V
29
-
15
+3.3V
30
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com