Electronic Components Datasheet Search
  English  ▼

X  

NDP102C2R3 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # NDP102C2R3
Description  Thermometrics Epoxy-Coated Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDP102C2R3 Datasheet(HTML) 2 Page - Amphenol Corporation

  NDP102C2R3 Datasheet HTML 1Page - Amphenol Corporation NDP102C2R3 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R25
W
Material
System
B Value
25/85°C
K
Maximum
Operating
Temperature
°F (°C)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
1000
2
3540±1%
257(125)
NDP102C2R1
NDP102C2R2
NDP102C2R3
NDP102C2R5
NDP102C2R10
2000
2
3540±1%
257(125)
NDP202C2R1
NDP202C2R2
NDP202C2R3
NDP202C2R5
NDP202C2R10
5000
2
3540±1%
257(125)
NDP502C2R1
NDP502C2R2
NDP502C2R3
NDP502C2R5
NDP502C2R10
1000
2A
3627±1%
257(125)
NDP102C2AR1
NDP102C2AR2
NDP102C2AR3
NDP102C2AR5
NDP102C2AR10
2000
2A
3627±1%
257(125)
NDP202C2AR1
NDP202C2AR2
NDP202C2AR3
NDP202C2AR5
NDP202C2AR10
5000
2A
3627±1%
257(125)
NDP502C2AR1
NDP502C2AR2
NDP502C2AR3
NDP502C2AR5
NDP502C2AR10
2700
1
3977±0.75%
311(155)
NDP272C1R1
NDP272C1R2
NDP272C1R3
NDP272C1R5
NDP272C1R10
5000
1
3977±0.75%
311(155)
NDP502C1R1
NDP502C1R2
NDP502C1R3
NDP502C1R5
NDP502C1R10
10000
1
3977±0.75%
311(155)
NDP103C1R1
NDP103C1R2
NDP103C1R3
NDP103C1R5
NDP103C1R10
30000
1
3977±0.75%
311(155)
NDP303C1R1
NDP303C1R2
NDP303C1R3
NDP303C1R5
NDP303C1R10
50000
1
3977±0.75%
311(155)
NDP503C1R1
NDP503C1R2
NDP503C1R3
NDP503C1R5
NDP503C1R10
10000
4A
3436±1%
311(155)
NDP103C4AR1
NDP103C4AR2
NDP103C4AR3
NDP103C4AR5
NDP103C4AR10
12000
5
3740±1%
257(125)
NDP123C5R1
NDP123C5R2
NDP123C5R3
NDP123C5R5
NDP123C5R10
See separate tables for resistance - temperature data.
Options
• Otherresistancevalueswithintheranges
shown;e.g.codeNDP152C2R1for1500±1%
at77°F(25ºC)intherangeof32°F(0ºC)upto
themaximumoperatingtemperature
• Altermativereferencetemperatures
• Wirelengths1.181into23.62in(30mmto600
mm)(±1mmor±2%,whicheveristhegreater)
• Otherwirematerials
• Otherwireinsulationcolors
Data
• Operatingtemperaturerange:-40°Fto311°F
(-40°Cto155°C)
• Thermaltimeconstant:<10s
• Dissipationfactor:1.5mW/K
• Voltageinsulation:500VDC
• Wireinsulation:cadmiumfreeredPTFE/PFA
• Packing:500/box
AAS-920-577B 09/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
NTC Type NDP Dimensions
Ø0.01in±0.001
(0.25mm±0.02)
Ø0.025in
(0.65mm)
max
0.27in
(7mm)
max
Ø0.095in
(2.4mm)
max
Ø0.095in
(2.4mm)
max
0.195in±0.04(5mm±1)
2.5in(65mm)min
TypeNDPSpecifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com