Electronic Components Datasheet Search
  English  ▼

X  

B07 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # B07
Description  Thermometrics temperature sensor solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B07 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button B07 Datasheet HTML 2Page - Amphenol Corporation B07 Datasheet HTML 3Page - Amphenol Corporation B07 Datasheet HTML 4Page - Amphenol Corporation B07 Datasheet HTML 5Page - Amphenol Corporation B07 Datasheet HTML 6Page - Amphenol Corporation B07 Datasheet HTML 7Page - Amphenol Corporation B07 Datasheet HTML 8Page - Amphenol Corporation B07 Datasheet HTML 9Page - Amphenol Corporation B07 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NTCorPTC?
Thermistorsarethermallysensitiveresistorswitheitheranegativeresistance/temperaturecoefficient(NTC)or
positiveresistance/temperature(PTC)coefficient.Thermometricsoffersawiderangeofbothtypesofthermistors
fromcomponentlevelthroughcompleteassemblies.Bothtypesofthermistorsaresolidstateceramic
components, known for their exceptional quality and long life.
Thermometrics is a world leader in beta curve selections and high voltage circuit applications.
NTC Thermistors
NTCthermistorsaremanufacturedfromtheoxidesof
transition metals and can operate over the range of -196°C
to1000°C.ChooseanNTCthermistorwhenacontinuous
change of resistance with temperature is required.
Temperature
Temperature
Volts
Current
What are the key characteristics of NTCs?
• Definedsensitivitytotemperature
• Sensitivitytoelectricalpowerinput
• Sensitivitytochangesinthermalconductivity
What are the main applications for NTC
thermistors?
• Temperaturemeasurementandcontrol
• Temperaturecompensation
• Surgesuppression
• Powermeasurement
• Fluidlevel-flowdetection
• Customizedsolutions
PTC Thermistors
PTCthermistorsaretemperature-dependentresistors
manufactured from doped barium titanate and are available
with transition temperatures from 60°C to 200°C. Choose
aPTCthermistorforselfreset-capablefuseandheater
applications.
What are the key characteristics of PTCs?
• Largechangeinresistanceatapreset
temperature
• Abilitytoself-regulatetemperature
• Current-limitingcapability
• Sensitivitytochangesinthermalconductivityw
• Standardandcustomdesigngeometries
What are the main applications for PTC
thermistors?
• Over-temperatureprotection
• Over-currentprotection
• Surgegeneration
• Currentstabilization
• Fluidlevel-flowdetection
• Selfregulatingheaters
Current
Volts
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com