Electronic Components Datasheet Search
  English  ▼

X  

1312000000 Datasheet(PDF) 122 Page - List of Unclassifed Manufacturers

Part # 1312000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1312000000 Datasheet(HTML) 122 Page - List of Unclassifed Manufacturers

Back Button 1312000000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 123Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 124Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 125Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 126Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 164 page
background image
www.Rose-Bopla.com
120
Accessories
Part
Number
Part
Number
Description
• Mobile stand system for system components
• Optional fixed or manually adjusted version
• 2 and 4 wheels available
Moterm
Technical Data
Foot: sheet steel
Profile: AlMgSi 0.5
-40°F to +176°F
Powder coating
Profile: light gray similar to RAL 7035
Foot: black gray similar to RAL 7021
Dependent on system construction - on request
Moterm 1, fixed version, height 1000 mm, 2 wheels
Moterm 2, manual adjustable (750 - 1000 mm), 2 wheels
Moterm 4, fixed version, height 980 mm, 4 wheels
Moterm 5, manual adjustable (730 - 1000 mm), 4 wheels
Adapter plate SL 2000 profile 1
Adapter plate SL 2000 profile 2
Adapter plate SL 2000 profile 3
Adapter plate universal (without holes)
Adapter plate Beckhoff CP 7032
50010101 00
50010102 00
50010104 00
50010105 00
50010203 00
50010204 00
50010205 00
50010209 00
50010210 00
Material
Temperature Range
Painting
Color
Maximum Load
Included in delivery
Moterm with mounting inclining adapter and adapter plate
for Machine Control Systems.
Please order adapter plate separately
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com