Electronic Components Datasheet Search
  English  ▼

X  

1312000000 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # 1312000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1312000000 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button 1312000000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 1312000000 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
www.Rose-Bopla.com
76
• This generation of plug enclosures is available in different styles for use in specific
countries.
• From 3 lids with sockets, 5 lids without sockets, 2 console type lids, as well as 3
bases with plug, and one base without plug, it is possible to create 40 different plug
enclosures.
Included in delivery
Lid and base, assembly screws, including connector
pins/socket inserts depending on type.
Technical Data
Color
Material
Ingress Protection
Flammability
Testing
Subject to minimum order quantities
Lid, light gray, similar to RAL 7035; base, agate gray, similar to RAL 7038. Special colors
on request. Minimum order quantities apply.
Polycarbonate/ABS blend plastic
IP 40/DIN EN 60529
UL 94 VO/1.6
Tested to VDE 0624/IEC 884
Model Number
Part Number
Length
Inches/mm
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
4.92 / 125
Width
Inches/mm
Height
Inches/mm
Version
ESO 1250 E
ESO 1250 CEE
ESO 1250 SEV
ESO 1250 E-K*
ESO 1250 CEE-K*
ESO 1250
ESO 1240
ESO 1230
ESO 1240 P
ESO 1240 PD
ESU 1200 E/CEE
ESU 1200 SEV
ESU 1200 E-US
ESU 1200
41010004 00
44020004 00
44030004 00
44011004 00
44021004 00
44040004 00
44050004 00
44060004 00
44070004 00
44080004 00
44093004 00
44091004 00
44092004 00
44090004 00
Lid with socket DIN 49440/CEE 7 III
Lid with socket CEE 7 V
Lid with socket SEV 1011 Type 13
Lid with socket DIN 49440/CEE 7 III
Lid with socket CEE 7 V
Lid without socket
Lid without socket
Lid without socket
Console lid without socket, keypad area 46 x 90 x 1mm deep
Console lid without socket, keypad area 46 x 70 x 1mm deep. Display opening 46 x 11mm
Base with plug DIN 49441 R2
Base with plug SEV 1011 Type 12
Base with plug UL 498 ANSI ST. A5-15
Base with plug
Executive Plug Housing
E = German version with ground
E-US = US version with ground
SEV = Swiss version with ground
E/CEE = Swiss version with ground
CEE = French version with ground
K = With child safety lock
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
2.64 / 67
1.38 / 35
1.38 / 35
1.38 / 35
1.38 / 35
1.38 / 35
1.38 / 35
0.98 / 25
0.98 / 25
0.98 / 25
0.98 / 25
0.59 / 15
0.59 / 15
0.59 / 15
0.59 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com