Electronic Components Datasheet Search
  English  ▼

X  

320240 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 320240
Description  Chip On Glass technology
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

320240 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  320240 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 88
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
VL
-
Operating voltage for LC
2
V6
-
Bias voltage
3
V3
-
4
V4
-
5
V5
-
6
VSS
-
Ground
7
VSS
-
Ground
8
VDD
+5v
Logic Power Supply
9
FLM
H/L
Frame Pulse
10
CL2
H/HÆL
Data Shift
11
M
H/L
Liquid Crystal AC drive signal
12
CL1
H/HÆL
Data latch signal
13
INHX
H/L
1=Display ON, 0=Display OFF
14
VSS
-
Ground
15
DB3
H/L
Data bus
16
DB2
H/L
17
DB1
H/L
18
DB0
H/L
Electrical Characteristics (VDD=3.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
0.8 VDD -
VDD
V
INPUT LOW VOLTAGE
VIL
-
0
-
0.2 VDD V
OUTPUT HIGH VOLTAGE VOH
IOH=0.4mA VDD-0.4 -
-
V
OUTPUT LOW VOLTAGE VOL
IOL=0.4mA
-
-
0.4
V
SUPPLY VOLTAGE
VDD
-
2.75
3.0
3.25
V
VL
-
15.2
15.4 15.6
V
POWER SUPPLY CUR-
RENT
IDD
VDD=3.0V
-
0.1
0.3
mA
IL
VEE=21.5V
-
0.55 1.0
mA
FRAME FREQUENCY
fFP
-
65
72
80
Hz
DRIVE METHOD
1/240 DUTY
Physical Data
Module Size.....................................88.3W x 69.1H x 2.2T mm
Viewing Area Size.......................................79.8W x 60.6H mm
Dot Pitch.....................................................0.24W x 0.24H mm
Dot Size..................................................0.225W x 0.225H mm
Weight..............................................................................24.5g
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
7.0
V
SUPPLY VOLTAGE FOR LCD
VL-VSS
-0.3
36.0
V
INPUT VOLTAGE
VIN
-
7.0
V
OPERATING TEMPERATURE
TOP
-20
70
°C
STORAGE TEMPERATURE
TSTG
-30
80
°C
Dimension tolerance: +/-0.3mm
Dimensional Drawing
320 X 240 Dots Graphics
0.015
0.225
Features
Backlight.........................................................................NONE
Options...................................Gray STN / Yellow STN / FSTN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller.............................................................None
Features
HDG320240
B
5.0
9.0
4.0
32.0
MAX 1.0
MAX 1.0
ACTIVE AREA 76.785
VIEWING AREA 79.8
88.3±0.3
3.5075
2.0
83.3±0.3
5.0
CONDUCTORS
SUPPORT
Power Supply
B DETAIL
5.0
Chip On Glass technology


Similar Part No. - 320240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
320240-C57 ETC2-320240-C57 Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ET-CFL-12-TS ETC2-320240-C57-M-ET-CFL-12-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ET-CFL-6-TS ETC2-320240-C57-M-ET-CFL-6-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ST-CFL-12-TS ETC2-320240-C57-M-ST-CFL-12-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ST-CFL-6-TS ETC2-320240-C57-M-ST-CFL-6-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
More results

Similar Description - 320240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1602F ETC-1602F Datasheet
28Kb / 1P
Chip On Glass technology
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
Chip On Glass technology
HDG320240 HANTRONIX-HDG320240 Datasheet
38Kb / 1P
Chip On Glass technology 320 X 240 Dots Graphics
logo
OSRAM GmbH
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
logo
Hantronix,Inc
HDG1602P-2-L00S HANTRONIX-HDG1602P-2-L00S Datasheet
44Kb / 2P
Chip On Glass technology
logo
OSRAM GmbH
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W4-01 OSRAM-LE-UW-D1W4-01 Datasheet
533Kb / 18P
compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com