Electronic Components Datasheet Search
  English  ▼

X  

AAT3680 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3680
Description  Lithium-Ion Linear Battery Charge Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3680 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3680
Lithium-Ion Linear Battery Charge Controller
3680.2003.4.0.91
1
BatteryManager™
Typical Application
Q1
FZT788B
AAT3680
C2
10
µF
C1
4.7
µF
R2
1k
RSENSE
0.2
Ω
R1
2.5k
BATT+
BATT-
TEMP
RT1
RT2
VP
Battery
Pack
DRV
CSI
VP
VP
VSS
STAT
TS
BAT
T2X
D1
General Description
The AAT3680 BatteryManager™ is a member of
AnalogicTech's Total Power Management IC™
family. This device is an advanced Lithium-Ion (Li-
Ion) battery charge and management IC, specifi-
cally designed for low cost compact portable appli-
cations. In a single 8-pin package, the AAT3680
precisely regulates battery charge voltage and
charge current. This device is capable of two trick-
le charge current levels controlled by one external
pin. Battery charge temperature and charge state
are carefully monitored for fault conditions. In the
event of an over current, short circuit or over tem-
perature failure, the device will automatically shut
down, thus protecting the charging device and the
battery under charge. A battery charge state mon-
itor output pin is provided to indicate the battery
charge status though a display LED. The battery
charge status output is a serial interface which may
also be read by a system microcontroller.
The AAT3680 is available in an 8-pin MSOP or 12-
pin TSOPJW package, specified over -20 to 70°C
range.
Features
•
4.5V to 15V Input voltage range
•
1% Accurate Preset Voltages: 4.1V, 4.2V,
8.2V, 8.4V
•
Low operation current, typically 0.5mA
•
Programmable Charge Current
•
Automatic recharge sequencing
•
Battery temperature monitoring
•
Deep discharge cell conditioning
•
Fast trickle charge option with thermal over-ride
•
Full battery charge auto turn off / sleep mode
•
Over voltage, current and temperature
protection
•
Power on reset
•
LED Charge Status Output or System
Microcontroller serial interface
•
Temperature range -20 to 70°C
•
8 pin MSOP, 12 pin TSOPJW package
Applications
•
Cellular Phones
•
Personal Digital Assistants (PDA's)
•
Desktop Chargers
•
USB Chargers


Similar Part No. - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680ITP-4.2-T1 AAT-AAT3680ITP-4.2-T1 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
More results

Similar Description - AAT3680

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
2006.03.1.6
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Linear Technology
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com