Electronic Components Datasheet Search
  English  ▼

X  

AK4591 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4591
Description  24bit 4ch ADC 24bit 6ch DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4591 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4591 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4591 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
[ASAHI KASEI]
[AK4591]
[MS0295-J-00]
2004/03
- 2 -
3.ブロック図
このブロック図は、AK4591を簡略的に示したもので、回路図を表しているわけではありません。
AINL2-, AINR2-
AINL2+, AINR2+
AINL1-, AINR1-
AINL3, AINR3
2
2
2
2
AINL4, AINR4
AINL5, AINR5
2
2
AINL1+, AINR1+
AINL6, AINR6
ADC1
2
2
2
2
2
AINL7, AINR7
AINL8, AINR8
AINL9, AINR9
SDATA
ADC2
SDATA
SDATO2
SDIN
SDATO1
DAC1
AOUTL1+
AOUTL1-
AOUTR1+
AOUTR1-
DAC2
AOUTL2+
AOUTL2-
AOUTR2+
AOUTR2-
DAC3
AOUTL3+
AOUTL3-
AOUTR3+
AOUTR3-
VREF
VREFH
VREFL
VCOM
AVDD
AVSS
ASEL2[2:0]
ASEL1[2:0]
SWA1
SWA2
SWI1
SWI2
PSAD1
PSAD2
SWAA1
SWAA2
SWAA3
SWD1
SWD2
SWD3
SMUTE
SMUTE
PSDA2
PSDA1
PSDA3
INIT_RESET
S_RESET
CS
RQ
LRCLK
BITCLK
MCLK
SCLK
SI
SO
SDATI1
SDATI2
SDATI3
BVSS
DVDD
DVSS
OUT1E_N
OUT2E_N
CONTROLLER
2
2
2
2
2pins
Hi-z
ctrl reg sw
@
CS ="H"
2
pull down
IF
TESTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com