Electronic Components Datasheet Search
  English  ▼

X  

AP1515P Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1515P
Description  150KHz, 1.5A PWM Buck DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1515P Datasheet(HTML) 2 Page - Anachip Corp

  AP1515P Datasheet HTML 1Page - Anachip Corp AP1515P Datasheet HTML 2Page - Anachip Corp AP1515P Datasheet HTML 3Page - Anachip Corp AP1515P Datasheet HTML 4Page - Anachip Corp AP1515P Datasheet HTML 5Page - Anachip Corp AP1515P Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP1515
150KHz, 1.5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 29, 2004
2/6
Ordering Information
Package
P: SIP-4L
Output version
AP1515 XX X
Blank : Adjustable
-33 : 3.3V
(Bulk)
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Shutdown
Pre-driver
Comp
Comp
Gnd
Output
V
IN
FB
220mV
200mV
1.5A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com