Electronic Components Datasheet Search
  English  ▼

X  

2765 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2765
Description  MINI 2-AXIS ANALOG THUMBSTICK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2765 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2765 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2765 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Sometimes a simple analog control device can be the perfect tactile solution for your project, but they can be surprisingly hard to come by.
Luckily we've got a low cost, quality Mini 2-Axis Analog Thumbstick to fulfill your directional analog input needs!
This is a small joystick with a black rocker cap, similar to the PSP joysticks. The joystick is a 'self-centering' analog-type. It is comprised of two
10KΩ potentiometers, one for up / down and another for left / right.
You can solder the potentiometer pins onto a custom breakout board if you so choose. We also offer our own Analog Mini Thumbstick PCB which
will pair great with this little guy.
When fully assembled and functioning, the voltage will follow the motion of the thumbstick as it is moved around. When you release the
thumbstick it will center itself. Great for robotics and other control interfaces!
Note: Breakout PCB is not included.
•
Technical Details
For a tutorial on how to read analog joysticks, check out this Arduino tutorial - it can easily be extended to any
microcontroller!
Product Dimensions: 17.5mm x 17.4mm x 12.0mm / 0.7" x 0.7" x 0.5 Product Weight: 2.1g / 0.1oz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com