Electronic Components Datasheet Search
  English  ▼

X  

3103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3103
Description  2-Axis Analog Thumb Joystick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSP 3000 2-Axis Analog Thumb Joystick
PRODUCT ID: 3103
Description
Sometimes a simple analog control device can be the perfect tactile solution for your project, but
PPSP 3000 2-
Axis Analog Thumb Joystick to fulfill your directional analog input needs!
This is a replacement component for the PSP 3000, but we think they'd make for a great little
joystick/thumbstick add-on for a wearable, or portable project. It's similar to this other version, but has a
cable for connecting rather than direct-solder


Similar Part No. - 3103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
KR Electronics, Inc.
3103 KR-3103 Datasheet
57Kb / 3P
375 MHz Bandpass Filter
logo
3M Electronics
3103 3M-3103 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
logo
Heyco.
3103 HEYCO-3103 Datasheet
135Kb / 1P
Large Dome Plugs
logo
TE Connectivity Ltd
3103 TEC-3103 Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - 3103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
logo
ITT Industries
EGN-J-O100A ITT-EGN-J-O100A Datasheet
227Kb / 3P
Analog Joystick Navigation Device
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
logo
Murata Manufacturing Co...
SCA1000 MURATA-SCA1000 Datasheet
523Kb / 14P
SCA1000-N1000070 2-AXIS HIGH PERFORMANCE ANALOG ACCELEROMETER
logo
CTS Corporation
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
logo
List of Unclassifed Man...
2765 ETC2-2765 Datasheet
582Kb / 2P
MINI 2-AXIS ANALOG THUMBSTICK
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com