Electronic Components Datasheet Search
  English  ▼

X  

55AC1111 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55AC1111
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55A.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55AC1111 Datasheet(HTML) 1 Page - Tyco Electronics

  55AC1111 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: "901/902..." MAY BE REPLACED BY "Axxx".) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
DIMENSIONS ARE IN INCHES AND, UNLESS OTHERWISE DESIGNATED, ARE NOMINAL.
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
SPECIFICATION CONTROL DRAWING
55AC1111
Title
ONE CONDUCTOR CABLE, SHIELDED, JACKETED, 600 VOLT
Date
7-18-03
Revision
A
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
COMPONENT WIRE – 55A0111
SHIELD – TIN-COATED COPPER
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
CABLE CONSTRUCTION DETAILS
JACKET THICKNESS
(in.)
OUTSIDE DIAMETER
(in.)
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
SHIELD
SIZE
(AWG)
MINIMUM
NOMINAL
NOMINAL
MAXIMUM
MAXIMUM
WEIGHT
(lb/1000 ft)
55AC1111-30-*
30
38
.006
.008
.057
.062
3.6
55AC1111-28-*
28
38
.006
.008
.060
.065
4.1
55AC1111-26-*
26
38
.006
.008
.065
.070
5.0
55AC1111-24-*
24
38
.006
.008
.070
.075
5.9
55AC1111-22-*
22
38
.006
.008
.076
.081
7.2
55AC1111-20-*
20
38
.006
.008
.083
.088
9.3
55AC1111-18-*
18
38
.006
.008
.093
.098
12.3
55AC1111-16-*
16
38
.006
.008
.101
.106
14.7
55AC1111-14-*
14
38
.006
.008
.118
.124
20.8
55AC1111-12-*
12
38
.006
.008
.136
.143
28.9
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
ACCELERATED AGING: 300 ± 3°C for 7 hours
BLOCKING: 200 ± 3°C for 6 hours
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
FLAMMABILITY: Procedure 1,
3 seconds (maximum); 3 inches (maximum);
no flaming of facial tissue
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
LIFE CYCLE: 200 ± 3°C for 168 hours
LOW TEMPERATURE-COLD BEND: -65 ± 2°C for 4 hours
SHIELD COVERAGE: 90% (minimum)
VOLTAGE WITHSTAND TEST (Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
PART NUMBER:
The "*" in the part numbers above shall be replaced by a
color code designator with a dash separating the component
wire color from the jacket color.
1/ Example:
AWG 22, white component wire; white jacket:
55AC1111-22-9-9
NOTE: Nominal values are for information only.
Nominal values are not requirements.
Page 1 of 1


Similar Part No. - 55AC1111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55AC1122 MACOM-55AC1122 Datasheet
109Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55AC1131 MACOM-55AC1131 Datasheet
109Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
More results

Similar Description - 55AC1111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55A6801 MACOM-55A6801 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A
55A6803 MACOM-55A6803 Datasheet
31Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A
logo
TE Connectivity Ltd
55A0116 TEC-55A0116 Datasheet
34Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A0141 TEC-55A0141 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A0212 TEC-55A0212 Datasheet
143Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A7584 TEC-55A7584 Datasheet
30Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
Tyco Electronics
55A0113 MACOM-55A0113 Datasheet
34Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A4121 MACOM-55A4121 Datasheet
122Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A6253 MACOM-55A6253 Datasheet
55Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A4823 MACOM-55A4823 Datasheet
34Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com