Electronic Components Datasheet Search
  English  ▼

X  

55PC0241 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55PC0241
Description  This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55PC0241 Datasheet(HTML) 1 Page - Tyco Electronics

  55PC0241 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date
Revision
55PC0241
SPECIFICATION CONTROL DRAWING
TITLE
UPPER SPEC
LIMIT
TARGET
VALUE
TARGET
VALUE
DIAMETER
( in.)
WEIGHT
( lbs/1000 ft. )
LOWER SPEC
LIMIT
24
22
20
18
16
14
12
10
CONDUCTOR
SIZE
(AWG)
UPPER SPEC
LIMIT
.087
.100
.119
.139
.155
.189
.231
.283
.102
.117
.139
.163
.182
.221
.270
.331
.117
.134
.159
.188
.209
.253
.309
.379
8.06
11.80
17.83
26.83
34.07
52.44
80.33
126.67
8.38
12.19
18.32
27.56
34.92
53.64
81.99
129.46
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
10-22-05
B
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
COMPONENT WIRES - 55PC0211
CONSTRUCTION DETAILS
PART NUMBER
1/
55PC0241-24-*
55PC0241-22-*
55PC0241-20-*
55PC0241-18-*
55PC0241-16-*
55PC0241-14-*
55PC0241-12-*
55PC0241-10-*
PART NUMBER:
The "*" in the part numbers above shall be replaced by
a color code designator with a slash separating the
component wire colors. Colors shown do not necessarily
reflect the sequence of manufacturing.
1/ Example: AWG 22, black, red, orange and yellow
component wires: 55PC0241-22-0/2/3/4
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
INSULATION FLAWS:
Impulse Dielectric Test, 8.0 kV (peak)
FOUR CONDUCTOR CABLE, UNSHIELDED, UNJACKETED, 600 VOLT
© 2005 Tyco Electronics Corporation. All rights reserved.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
R Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
Page 1 of 1
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
DIMENSIONS ARE IN INCHES AND, UNLESS OTHERWISE DESIGNATED, ARE NOMINAL
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.


Similar Part No. - 55PC0241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0211 MACOM-55PC0211 Datasheet
92Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
logo
TE Connectivity Ltd
55PC0212 TEC-55PC0212 Datasheet
44Kb / 2P
This specifi cation sheet forms a part of the latest issue of Raychem Specifi cation 55PC.
55PC0213 TEC-55PC0213 Datasheet
156Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
Tyco Electronics
55PC0214 MACOM-55PC0214 Datasheet
91Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results

Similar Description - 55PC0241

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0211 MACOM-55PC0211 Datasheet
92Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
55PC0214 MACOM-55PC0214 Datasheet
91Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1221 MACOM-55PC1221 Datasheet
130Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2221 MACOM-55PC2221 Datasheet
32Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC1122 TEC-55PC1122 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1811 TEC-55PC1811 Datasheet
38Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC6021 TEC-55PC6021 Datasheet
161Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com