Electronic Components Datasheet Search
  English  ▼

X  

CBT16212 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # CBT16212
Description  24-bit bus exchange switch with 12-bit output enables
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

CBT16212 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  CBT16212 Datasheet HTML 1Page - Integrated Circuit Systems CBT16212 Datasheet HTML 2Page - Integrated Circuit Systems CBT16212 Datasheet HTML 3Page - Integrated Circuit Systems CBT16212 Datasheet HTML 4Page - Integrated Circuit Systems CBT16212 Datasheet HTML 5Page - Integrated Circuit Systems CBT16212 Datasheet HTML 6Page - Integrated Circuit Systems CBT16212 Datasheet HTML 7Page - Integrated Circuit Systems CBT16212 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
CBT16212
24-bit bus exchange switch with 12-bit output enables
2001 Sep 28
5
AC CHARACTERISTICS
GND = 0 V; tR; CL = 50 pF
SYMBOL
PARAMETER
FROM (INPUT)
TO
VCC = 5.0 V ±0.5 V
UNIT
SYMBOL
PARAMETER
FROM (INPUT)
(OUTPUT)
Min
Max
UNIT
t
Propagation delay1
AorB
BorA
025
ns
tpd
Propagation delay1
A or B
B or A
—
0.25
ns
ten
Output enable time
to High and Low level
S
A or B
3.6
8.0
ns
tdis
Output disable time
from High and Low level
S
A or B
4.3
8.0
ns
NOTES:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00028
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
Waveform 1. Input (An) to Output (Yn) Propagation Delays
Output Control
(Low-level
enabling )
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
SA00029
1.5 V
1.5 V
1.5 V
0 V
3 V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Ω
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
Ω
From Output
Under Test
S1
7 V
Open
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com