Electronic Components Datasheet Search
  English  ▼

X  

LM8365 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8365
Description  Micropower Undervoltage Sensing Circuits with Programmable Output Delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8365 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM8365 Datasheet HTML 1Page - National Semiconductor (TI) LM8365 Datasheet HTML 2Page - National Semiconductor (TI) LM8365 Datasheet HTML 3Page - National Semiconductor (TI) LM8365 Datasheet HTML 4Page - National Semiconductor (TI) LM8365 Datasheet HTML 5Page - National Semiconductor (TI) LM8365 Datasheet HTML 6Page - National Semiconductor (TI) LM8365 Datasheet HTML 7Page - National Semiconductor (TI) LM8365 Datasheet HTML 8Page - National Semiconductor (TI) LM8365 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application Notes
The propagation delay time for the LM8365 is measured
using a 470k
Ω pull-up resistor connected to from the RESET
output pin to 5V in addition to a 10pF capacitive load con-
nected from the same pin to GND. Figure 1 shows the timing
diagram for the measurement for the propagation delay.
V
DET+ is equal to the sum of the detector threshold, VDET−,
and the built in hysteresis, V
HYS.tD1 is the propagation time
from
High-to-Low
and
t
D2
is
the
propagation
from
Low-to-High.
The LM8365 ultra-low current voltage detector was designed
to monitor voltages and to provide an indication when the
monitored voltage, V
IN, dropped below a precisely trimmed
threshold voltage. The voltage detector of the LM8365 drives
a time delay generator that may be programmed for fixed
lengths of time depending on the application needs. This
characteristic is displayed in the typical operating timing
diagram in Figure 2.V
IN is the voltage that is being moni-
tored and as it decreases passed the precisely trimmed
threshold V
DET− the Active Low RESET output drops to a
Logic Low state and the C
D pin drops to 0V. During this state
the external capacitor connected to the C
D pin is immedi-
ately discharged by an internal N-Channel MOSFET. When
V
IN increases above the threshold VDET+ (VDET− +VHYS) the
capacitor connected to the C
D pin starts to charge up to VIN
through an internal pull-up resistor R
D. Once the capacitor
has charged up past the internal Delay Pin Threshold, which
is typically 0.675 V
IN, the RESET output will revert back to
it’s original state. The LM8365 has built-in hysteresis to help
prevent erratic reset operation when the input voltage
crosses the threshold.
The LM8365 has a wide variety of applications that can take
advantage of it’s precision and low current consumption to
monitor Input voltages even though it was designed as a
reset controller in portable microprocessor based systems. It
is a very cost effective and space saving device that will
protect your more expensive investments of microproces-
sors and other devices that need a guaranteed supply volt-
age and time delay for proper operation.
20066016
FIGURE 1. Propagation Delay Timing Diagrams
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com