Electronic Components Datasheet Search
  English  ▼

X  

55PC7000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55PC7000
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55PC7000 Datasheet(HTML) 1 Page - Tyco Electronics

  55PC7000 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
55PC7000
Title
WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED,
TIN-COATED COPPER, GENERAL PURPOSE, HOOKUP, 600 VOLT
Date
01-28-04
Revision
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
CONDUCTOR – TIN-COATED COPPER
NOTE: Controlled Free Tin-Coating
Thickness – 40 micro inches (minimum)
ADDITIONAL REQUIREMENTS
SOLDERABILITY: 95% (minimum) coverage per MIL-STD-202, Method 208 (1 hour steam aging)
Except as specified above, this construction shall meet all the requirements of Raychem Specification Sheet 55PC0111 for AWG sizes 22 through 16.
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. OTHER CODES AND SUFFIXES MAY BE ADDED TO THE PART NUMBER,
AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
DIMENSIONS ARE IN INCHES AND, UNLESS OTHERWISE DESIGNATED, ARE NOMINAL.
Page 1 of 1
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297


Similar Part No. - 55PC7000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55PC TEC-55PC Datasheet
96Kb / 18P
PROCESS-CONTROLLED WIRE AND CABLE
logo
Tyco Electronics
55PC0114 MACOM-55PC0114 Datasheet
43Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC0211 MACOM-55PC0211 Datasheet
92Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
logo
TE Connectivity Ltd
55PC0212 TEC-55PC0212 Datasheet
44Kb / 2P
This specifi cation sheet forms a part of the latest issue of Raychem Specifi cation 55PC.
55PC0213 TEC-55PC0213 Datasheet
156Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results

Similar Description - 55PC7000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1221 MACOM-55PC1221 Datasheet
130Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2221 MACOM-55PC2221 Datasheet
32Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2224 MACOM-55PC2224 Datasheet
34Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC0226 TEC-55PC0226 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1122 TEC-55PC1122 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1811 TEC-55PC1811 Datasheet
38Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC6021 TEC-55PC6021 Datasheet
161Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com