Electronic Components Datasheet Search
  English  ▼

X  

0807090900 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 0807090900
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0807090900 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 0807090900 Datasheet HTML 17Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 18Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 19Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0807090900 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
19
Transparent Lids
Enclosure base, flanges, opaque enclosure lids
2
4
4
4
6
4
•
•
•
•
•
•
17011000 00
17021000 00
17031000 00
17041000 00
17051000 00
17061000 00
17011010 00
17021010 00
17031010 00
17041010 00
17051100 00
-
Mounting
Plate
DIN
Rail
TS 35*
•
•
•
•
•
•
•
•
•
•
•
•
• Light plastic enclosure for industrial applications with flange pre-embossing
• Multiple configurations possible by combining with other Polycarbonate
Flange Enclosures
• Snap lock technology and flange quick-fixing system
Polycarbonate Flange Enclosures
Included in delivery
Completely closed enclosure body with flange break-out
points; lid with plastic quick-release lock; 4 threaded
inserts for internal mounting.
Technical Data
Impact Resistance
Flammability
Disruptive Strength
Surface Resistance
Temperature Range
Ingress Protection
Sealing
Toxicity
Weather Resistance
Insulation
Color
> 7 Nm, EN 50014
UL 94 V0/ self-extinguising
> 18 kV / mm, DIN 53482
>1015 Ohm, DIN 53482
-40°F up to +212°F
IP 65 to #N 60529
Neoprene
Low-halogen
UV stabilized
Fully insulated VDE 0100
Gray, similar to RAL 7032
>7 Nm, EN 50014
UL 94 V2
> 30 KV / mm, DIN 53481
>1015 ohm, DIN 53482
-40°F to + 212°F
IP 65 to EN 60529
Neoprene
Low-halogen
-
Fully insulated VDE 0100
Transparent
Flange
Opening
Dimensions
mm
Dimensions
Inches
Enclosure with
Transparent Lid
Part Number
Enclosure with
Lid
Part Number
W x L x H
W x L x H
134 x 170 x 130
170 x 170 x 130
170 x 269 x 130
269 x 269 x 130
269 x 540 x 130
369 x 440 x 130
5.12 x 6.69 x 5.12
6.69 x 6.69 x 5.12
6.69 x 10.59 x 5.12
10.59 x 10.59 x 5.12
10.59 x 21.26 x 5.12
10.59 x 17.32 x 5.12
Flanges and Accessories
Part Number
17003100 00
17003200 00
17003400 00
17003500 00
17003300 00
17003600 00
17003700 00
17004200 00
10035003 00
10031104 00
17004100 00
17005500 00
Blind flange I
Blind flange II
Flange 11 PG, 19 x PG9/PG 13.5
Flange 11 PG, 16 x PG11/PG 16
Flange 11 PG , 10 x PG9/PG 13.5; 4 x PG 11/PG16; 2 x PG21/PG29
Connecting flange I
Connecting flange II
Internal Mounting Bracket (set of 4), for type 1705 2 sets required
Additional threaded insterts (set of 10)
External brackets (set of 4)
Spare fixing wedges (set of 10)
Internal hinges (set of 2)
*TS 32 on request
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com