Electronic Components Datasheet Search
  English  ▼

X  

3257 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3257
Description  Kano Computer Kit with Raspberry Pi 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3257 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3257 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3257 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Some children between 6-8 years old may require parental supervision when reading the Kano
Book and assembling the Computer Kit components. Children 8 years and older are proven to be
quite self sufficient on their Kano!
Note: does not come with a screen -- get the Kano Screen Kit here.
Technical Details
CComputer Board:
RRAM:
CConnectivity:
4 USB ports
Bluetooth
Ethernet Port
HDMI
PProcessor:
KKeyboard:
15m wireless Radio Frequency
10m Bluetooth operating range
40h battery life
Weight: 197g / 0.434 lbs
O
Operating System:
Kano OS Beta 3.0 (Linux)
Create using Python, Ruby, Coffeescript, Bash and more
Create up to 10 different user accounts
Includes lifetime care via help.kano.me
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com