Electronic Components Datasheet Search
  English  ▼

X  

55PC0213 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 55PC0213
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC0213 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  55PC0213 Datasheet HTML 1Page - TE Connectivity Ltd 55PC0213 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. OTHER CODES AND SUFFIXES MAY BE ADDED
TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 2
The TE logo, Tyco Electronics and Raychem are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL.
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2010 Tyco Electronics Corporation. All rights reserved.
CONDUCTOR - NICKEL-COATED COPPER
INSULATION - RADIATION - CROSSLINKED,
MODIFIED ETFE
TITLE
SPECIFICATION CONTROL DRAWING
55PC0213
WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED, MEDIUM WEIGHT, GENERAL PURPOSE, 600 VOLT
2-1-10
F
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
Date
Revision
CONSTRUCTIONDETAILS
PART
NUMBER
1/
WIRE
SIZE
(AWG)
CONDUCTOR
STRANDING
(number x AWG)
CONDUCTOR DIAMETER
(in.)
FINISHED WIRE
MAXIMUM
RESISTANCE
AT 20°C
(ohms/1000 ft.)
DIAMETER
(in.)
WEIGHT
(lbs/1000 ft.)
LOWER
SPEC
LIMIT
TARGET
VALUE
UPPER
SPEC
LIMIT
LOWER
SPEC
LIMIT
TARGET
VALUE
UPPER
SPEC
LIMIT
TARGET
VALUE
UPPER
SPEC
LIMIT
55PC0213-26-*
26
19 x 38
.0175
.0183
.0191
42.2
.0328
.0345
.0362
1.38
1.52
55PC0213-24-*
24
19 x 36
.0225
.0233
.0241
25.9
.0378
.0395
.0412
1.98
2.13
55PC0213-22-*
22
19 x 34
.0285
.0293
.0301
16.0
.0438
.0455
.0472
2.90
3.06
55PC0213-20-*
20
19 x 32
.0365
.0375
.0385
9.77
.0523
.0540
.0557
4.38
4.57
55PC0213-18-*
18
19 x 30
.0452
.0464
.0476
6.10
.0616
.0635
.0654
6.59
6.90
55PC0213-16-*
16
19 x 29
.0514
.0527
.0538
4.76
.0690
.0710
.0730
8.37
8.70
55PC0213-14-*
14
19 x 27
.0644
.0659
.0674
3.00
.0838
.0860
.0882
12.88
13.33
55PC0213-12-*
12
37 x 28
.0825
.0845
.0865
1.98
.1020
.1047
.1074
19.73
20.30
55PC0213-10-*
10
37 x 26
.1050
.1070
.1090
1.24
.1252
.1290
.1328
31.12
32.13
55PC0213-8-*
8
133 x 29
.158
.163
.169
.694
.188
.196
.203
56.8
59.9
55PC0213-6-*
6
133 x 27
.198
.205
.212
.436
.233
.242
.251
89.7
94.7
55PC0213-4-*
4
133 x 25
.250
.260
.268
.275
.300
.311
.322
146.
154.
55PC0213-2-*
2
665 x 30
.320
.330
.340
.177
.370
.383
.397
227.
240.
55PC0213-1-*
1
817 x 30
.360
.370
.380
.144
.410
.424
.438
278.
291.
55PC0213-0-*
0
1045 x 30
.395
.415
.425
.113
.449
.466
.483
343.
366.
55PC0213-00-*
00
1330 x 30
.440
.462
.475
.089
.505
.525
.545
450.
481.


Similar Part No. - 55PC0213

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0211 MACOM-55PC0211 Datasheet
92Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
logo
TE Connectivity Ltd
55PC0212 TEC-55PC0212 Datasheet
44Kb / 2P
This specifi cation sheet forms a part of the latest issue of Raychem Specifi cation 55PC.
logo
Tyco Electronics
55PC0214 MACOM-55PC0214 Datasheet
91Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
More results

Similar Description - 55PC0213

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1221 MACOM-55PC1221 Datasheet
130Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2221 MACOM-55PC2221 Datasheet
32Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2224 MACOM-55PC2224 Datasheet
34Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC7000 MACOM-55PC7000 Datasheet
86Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC1122 TEC-55PC1122 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1811 TEC-55PC1811 Datasheet
38Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC6021 TEC-55PC6021 Datasheet
161Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com