Electronic Components Datasheet Search
  English  ▼

X  

55PC6021 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 55PC6021
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC6021 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  55PC6021 Datasheet HTML 1Page - TE Connectivity Ltd 55PC6021 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
Revision
SPECIFICATION CONTROL DRAWING
Page 2 of 2
C
55PC6021
SCD
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
CROSSLINK VERIFICATION: 300 ± 3°C for 1 hour
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
SHIELD COVERAGE: 85% (minimum) (each)
SHIELD RESISTANCE (Finished Cable): 12 milliohms/meter (maximum)
VOLTAGE WITHSTAND (Post Environmental): 1000 volts (rms), 60 Hz, 1 minute
CABLE IDENTIFICATION: Mark outer jacket surface in a contrasting color at 12 inch (nominal)
intervals as follows: " 55PC6021-AWG ** "
** = Applicable Manufacturer CAGE code as follows:
06090 = Menlo Park, CA
SU473 = Tijuana, MX
PART NUMBER:
The "*" in the part numbers on page 1 shall be replaced by color code designators
with a slash separating the component wire colors and a dash separating the component
wire colors from the jacket color.
1/ Example: AWG 22, red and blue component wires; white jacket:
55PC6021-22-2/6-9
1/ See footer section on page 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com