Electronic Components Datasheet Search
  English  ▼

X  

DS620U Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS620U
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS620U Datasheet HTML 4Page - Dallas Semiconductor DS620U Datasheet HTML 5Page - Dallas Semiconductor DS620U Datasheet HTML 6Page - Dallas Semiconductor DS620U Datasheet HTML 7Page - Dallas Semiconductor DS620U Datasheet HTML 8Page - Dallas Semiconductor DS620U Datasheet HTML 9Page - Dallas Semiconductor DS620U Datasheet HTML 10Page - Dallas Semiconductor DS620U Datasheet HTML 11Page - Dallas Semiconductor DS620U Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS620 Digital Thermometer and Thermostat
8 of 15
PO PIN
The PO pin is a user-programmable open-drain output, which is configured through the PO1 and PO2 bits in the
configuration register. PO can operate as a thermostat output (PO-HIGH or PO-LOW), or it can be forced low for control
of peripheral devices. When PO is configured as PO-HIGH or PO-LOW, this pin operates as described in the
Thermostat Operation section. This pin can be reconfigured at anytime to switch between functions. Table 3
defines the various configuration options for this pin.
Table 3. PO Configuration
Function
PO2
PO1
Thermostat Output (PO-high)
1
1
Thermostat Output (PO-low)
1
0
Force PO Low
0
X
EEPROM REGISTERS AND MEMORY MAP
The DS620 has a 14-byte linear address space with registers for temperature, thermostat thresholds, and control
as well as four bytes of user EEPROM for general use. All address space is shadowed by RAM. The DS620
Memory Map is shown in Table 4.
See the Writing to the DS620 and the Reading from the DS620 sections for details in writing to and reading from
the DS620 EEPROM registers and memory map.
Table 4. Memory Map
Address (hex)
Description
A0
TH MSB
A1
TH LSB
A2
TL MSB
A3
TL LSB
A4
User
A5
User
A6
User
A7
User
A8
Undefined
A9
Undefined
AA
Temperature MSB
AB
Temperature LSB
AC
Configuration MSB
AD
Configuration LSB
CONFIGURATION REGISTER
The configuration register allows the user to program various DS620 options such as conversion resolution,
operating mode, and thermostat capability. It also provides information to the user about conversion status,
EEPROM activity, device address, and thermostat activity. The configuration register is arranged as shown in
Figure 5 and detailed descriptions of each bit are provided in Table 5. It is located in address spaces ACh (MSB)
and ADh (LSB) in the DS620 memory. Note that the R0, R1, AUTOC, 1SHOT, and PO1 bits are stored in
EEPROM so they can be programmed prior to installation if desired. All other configuration bits are SRAM and
power up in the state shown in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com