Electronic Components Datasheet Search
  English  ▼

X  

DS2196LN Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS2196LN
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196LN Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS2196LN Datasheet HTML 38Page - Dallas Semiconductor DS2196LN Datasheet HTML 39Page - Dallas Semiconductor DS2196LN Datasheet HTML 40Page - Dallas Semiconductor DS2196LN Datasheet HTML 41Page - Dallas Semiconductor DS2196LN Datasheet HTML 42Page - Dallas Semiconductor DS2196LN Datasheet HTML 43Page - Dallas Semiconductor DS2196LN Datasheet HTML 44Page - Dallas Semiconductor DS2196LN Datasheet HTML 45Page - Dallas Semiconductor DS2196LN Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
DS2196
42 of 157
CCR3A: COMMON CONTROL REGISTER 3 FRAMER A (Address = 30 Hex)
(MSB)
(LSB)
LIDST
TCLKSRC
RLOS
RSMS
FBCT2
ECUS
TLOOP
FBCT1
SYMBOL
POSITION
NAME AND DESCRIPTION
LIDST
CCR3A.7
Line Interface TX Digital Signal Tri-state. Tri-state control
for the LIU pins LFSYNC, LCLK and LNRZ.
0 = pins not tri-stated
1 = pins tri-stated
TCLKSRC
CCR3A.6
Transmit Clock Source Select. This function allows the user
to internally select MCLK as the clock source for the transmit
side formatter.
0 = TCLK supplied by LOTC mux (see TCR1A.7)
1 = use MCLK for TCLK
RLOSF
CCR3A.5
Function of the RLOSA/LOTCA Output.
0 = Receive Loss of Sync (RLOS)
1 = Loss of Transmit Clock (LOTC)
RSMS
CCR3A.4
RMSYNCA Multiframe Skip Control. Useful in framing
format conversions from D4 to ESF.
0 = RMSYNCA will output a pulse at every multiframe
1 = RMSYNCA will output a pulse at every other multiframe
FBCT2
CCR3A.3
F Bit Corruption Type 2. Setting this bit high enables the
corruption of one Ft (D4 framing mode) or FPS (ESF framing
mode) bit in every 128 Ft or FPS bits as long as the bit remains
set.
ECUS
CCR3A.2
Error Counter Update Select. Selects the update rate of the
error counters and the period of the One Second Timer
(SR2A.5). See Sections 7 & 8 for details.
0 = update error counters once a second
1 = update error counters every 42 ms (333 frames)
TLOOP
CCR3A.1
Transmit Loop Code Enable. See Section 12 for details.
0 = transmit data normally
1 = replace normal transmitted data with repeating code as
defined in TCD register
FBCT1
CCR3A.0
F Bit Corruption Type 1. A low to high transition of this bit
causes the next three consecutive Ft (D4 framing mode) or FPS
(ESF framing mode) bits to be corrupted causing the remote
end to experience a loss of synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com