Electronic Components Datasheet Search
  English  ▼

X  

CL-101 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # CL-101
Description  NTC Inrush Current Limiter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CL-101 Datasheet(HTML) 3 Page - Amphenol Corporation

  CL-101 Datasheet HTML 1Page - Amphenol Corporation CL-101 Datasheet HTML 2Page - Amphenol Corporation CL-101 Datasheet HTML 3Page - Amphenol Corporation CL-101 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CxMax **
(μ Farads)
Equation Constants for resistance
under load ***
Approximate Resistance Load at %
Maximum Rated
Type
Resistance
@ 25°C (Ω)
±25%
*Max.
Steady
State
Current
(Amps
RMS)
Max.
Disc
Dia.
in
(mm)
Max.
Disc
Thick.
in
(mm)
@120
(VAC
Rms)
@240
(VAC
Rms)
Max.
Energy
(Joules)
X
Y
Current Range
Min I Max I
25%
50%
75%
100%
Dissip.
Constant
(mW/°C)
Time
Constant
(sec.)
Max .
Current
Flow
@ 25°C
and 240
V Rms
(Amps)
CL-11
0.7
12
0.77
(19.56)
0.22
(5.59)
2700
675
19.44
0.5
-1.18 4<1<12
0.14
0.06
0.04
0.03
25
100
457
CL-21
1.3
8
0.55
(13.97
0.21
(5.33)
800
200
5.76
0.6
-1.25 3<1<8
0.25
0.11
0.06
0.04
15
60
246
CL-30
2.5
8
0.77
(19.56)
0.22
(5.59)
6000
1500
43.20
0.81 -1.25 2.5<1<8
0.34
0.14
0.09
0.06
25
100
128
CL-40
5
6
0.77
(19.56)
0.22
(5.59)
5200
1300
37.44
1.09 -1.27 1.5<1<6
0.65
0.27
0.16
0.11
25
100
64
CL-50
7
5
0.77
(19.56)
0.26
(6.60)
5000
1250
36.00
1.28 -1.27 1.5<1<5
0.96
0.40
0.24
0.17
25
120
46
CL-60
10
5
0.77
(19.56)
0.22
(5.59)
5000
1250
36.00
1.45 -1.3
1.2<1<5
1.08
0.44
0.26
0.18
25
100
32
CL-70
16
4
0.77
(19.56)
0.22
(5.59)
5000
1250
36.00
1.55 -1.26 1<1<4
1.55
0.65
0.39
0.27
25
100
20
CL-80
47
3
0.77
(19.56)
0.22
(5.59)
5000
1250
36.00
2.03 -1.29 0.5<1<3
2.94
1.20
0.71
0.49
25
100
7
CL-90
120
2
0.93
(23.62)
0.22
(5.59)
5000
1250
36.00
3.04 -1.36 0.5<1<2
7.80
3.04
1.75
1.18
30
120
3
CL-101
0.5
16
0.93
(23.62)
0.22
(5.59)
4000
1000
28.80
0.44 -1.12 4<1<16
0.09
0.04
0.03
0.02
30
120
640
CL-110
10
3.2
0.40
(10.16)
0.17
(4.32)
600
150
4.32
0.83 -1.29 0.7<1<3.2
1.11
0.45
0.27
0.19
8
30
32
CL-120
10
1.7
0.40
(10.16)
0.17
(4.32)
600
150
4.32
0.61 -1.09 0.4<1<1.7
1.55
0.73
0.47
0.34
4
90
32
CL-130
50
1.6
0.45
(11.43)
0.17
(4.32)
600
150
4.32
1.45 -1.38 0.4<1<1.6
5.13
1.97
1.13
0.76
8
30
6
CL-140
50
1.1
0.45
(11.43)
0.17
(4.32)
600
150
4.32
1.01 -1.28 0.2<1<1.1
5.27
2.17
1.29
0.89
4
90
6
CL-150
5
4.7
0.55
(13.97)
0.18
(4.57)
1600
400
11.52
0.81 -1.26 1<1<4.7
0.66
0.28
0.17
0.12
15
110
64
CL-160
5
2.8
0.55
(13.97)
0.18
(4.57)
1600
400
11.52
0.6
-1.05 0.8<1<2.8
0.87
0.42
0.28
0.20
9
130
64
CL-170
16
2.7
0.55
(13.97)
0.18
(4.57)
1600
400
11.52
1.18 -1.28 0.5<1<2.7
1.95
0.80
0.48
0.33
15
110
20
CL-180
16
1.7
0.55
(13.97)
0.18
(4.57)
1600
400
11.52
0.92 -1.18 0.4<1<1.7
2.53
1.11
0.69
0.49
9
130
20
CL-190
25
2.4
0.55
(13.97)
0.18
(4.57)
800
200
5.76
1.33 -1.34 0.5<1<2.4
2.64
1.04
0.61
0.41
15
110
13
CL-200
25
1.7
0.55
(13.97)
0.18
(4.57)
800
200
5.76
0.95 -1.24 0.4<1<1.7
2.74
1.16
0.70
0.49
9
130
13
CL-210
30
1.5
0.40
(10.16)
0.2
(5.08)
600
150
4.32
1.02 -1.35 0.3<1<1.5
3.83
1.50
0.87
0.59
8
30
11
Type CL Specifications
NTC discs for inrush current limiting
Description
Disc thermistor with uninsulated lead-wires.
Options
• For kinked leads, add suffix “A”
• For tape and reel, add suffix “B”
• Other tolerances in the range 0.7 Ω to 120 Ω
• Other tolerances, tolerances at other temperatures
• Alternative lead lengths, lead materials, insulations
Data
*maximum rating at 77°F (25ºC) or Iderated = √(1.1425–0.0057 x TA) x
Imax @ 77°F (25°C) for ambient temperatures other than 77°F (25ºC).
**maximum ratings
***R0=X1Y where X and Y are found in the table below



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com