Electronic Components Datasheet Search
  English  ▼

X  

GD9-15 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD9-15
Description  Rugged and waterproof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD9-15 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD9-15 Datasheet HTML 1Page - Laird Tech Smart Technology GD9-15 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
ANT-DS-GD9-15 0611
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for
the use and application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies
makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be
liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from
time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo,
and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third
parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
MODEL
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
GD9-15
41 lbs
64 lbs
257 lbs
WIND LOADING (LBS.)
PARAMETER
Frequency range
900-928 MHz
Input return loss (S11)
-14 dB
VSWR
1.5:1
Impedance
50 ohm
Input power
100 watts
Pole diameter (OD)
1 to 2 in (25 to 38 mm)
Operating temperature
-45° to +70°C
Gain
15 dBi
Beamwidth
HPOL 31° ; VPOL 22°
Front to back
> 10 dB
Weight
11 lbs (5 kg)
Dimension
28.5 x 36 in (724 x 914 mm)
Bracket tilt
± 10°
SPECIFICATIONS
NLOS Grid Dish Antenna
GD9-15
SYSTEM ORDERING
GD9-15-NF
15 dBi NLOS Series 900 MHz Grid Dish Antenna with N Female Connector
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
• Laird Technologies does not supply the mounting pole.
*Super HD Bracket System Now Available. Add “HD” as prefix to Part Number Example: HDGD9-15-NF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com