Electronic Components Datasheet Search
  English  ▼

X  

GD24 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # GD24
Description  Ultra low wind loading and low visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD24 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  GD24 Datasheet HTML 1Page - Laird Tech Smart Technology GD24 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2400 TO 2485 MHz GRID DISH PARABOLIC ANTENNA
The 2.4 GHz parabolic grid directional antennas offered by Laird utilize a patented parabolic
grid design with a patented high performance dipole feed. The antennas are constructed of
welded steel wires which are galvanized and then powder coat painted with a light gray
epoxy paint. The wire grid semi-parabolic design offers unsurpassed low wind loading while
maintaining good RF performance. The compact low visual impact attractive styling blends
well in almost any application. Mounting is simplified with the Laird bracket system made of
galvanized steel with stainless steel hardware. A super heavy duty “HD” bracket system is
available for the 24 dB grid. The antennas come with a 30 inch pigtail with choice of N male,
N female or RPSMA connector.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
• 15 dBi, 19 dBi, and 24 dBi models available
• Rugged and weatherproof
• Ultra low wind loading and low visual impact
• Vertical or horizontal polarization
• Various connector choices
• Super HD bracket 2 dBi model
available for greater stability
MARKETS
• 2.4 GHz wireless LAN applications
• Client antennas
• 802.11b/g applications
• Point-to-point backhaul
• WiMAX
ANTENNA PATTERN
Grid Dish Parabolic Antenna
GD24
GD24-15
2450.0 MHz
GD24-19
2450.0 MHz
GD24-24
2450.0 MHz


Similar Part No. - GD24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD24-15 ETC2-GD24-15 Datasheet
1Mb / 12P
Client Side Antennas
GD24-19 ETC2-GD24-19 Datasheet
1Mb / 12P
Client Side Antennas
GD24-24 ETC2-GD24-24 Datasheet
1Mb / 12P
Client Side Antennas
logo
StarPower Europe AG
GD2400SGX170C3SN STARPOWER-GD2400SGX170C3SN Datasheet
420Kb / 9P
1700V/2400A 1 in one-package
6/16/2023
GD2400SGX170C4S STARPOWER-GD2400SGX170C4S Datasheet
406Kb / 9P
1700V/2400A 1 in one-package
3/15/2021
More results

Similar Description - GD24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16240 AD-ADIS16240 Datasheet
447Kb / 16P
Low Power, Programmable Impact Sensor and Recorder
REV. 0
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
logo
List of Unclassifed Man...
034B ETC2-034B Datasheet
325Kb / 2P
Compact design for minimum visual impact
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
GD35 LSTD-GD35 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
Low wind loading patented wire grid design
logo
TEMEX
RVG1490L TEMEX-RVG1490L Datasheet
722Kb / 2P
GHZ AND ULTRA-LOW JITTER
RXG1490L TEMEX-RXG1490L Datasheet
729Kb / 2P
GHZ AND ULTRA-LOW JITTER
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com