Electronic Components Datasheet Search
  English  ▼

X  

LM84 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM84
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM84 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM84 Datasheet HTML 6Page - National Semiconductor (TI) LM84 Datasheet HTML 7Page - National Semiconductor (TI) LM84 Datasheet HTML 8Page - National Semiconductor (TI) LM84 Datasheet HTML 9Page - National Semiconductor (TI) LM84 Datasheet HTML 10Page - National Semiconductor (TI) LM84 Datasheet HTML 11Page - National Semiconductor (TI) LM84 Datasheet HTML 12Page - National Semiconductor (TI) LM84 Datasheet HTML 13Page - National Semiconductor (TI) LM84 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1.0 Functional Description (Continued)
1.3 SMBus INTERFACE
The LM84 operates as a slave on the SMBus, so the
SMBCLK line is an input (no clock is generated by the LM84)
and the SMBData line is bi-directional. According to SMBus
specifications, the LM84 has a 7-bit slave address. Bit 4 (A3)
of the slave address is hard wired inside the LM84 to a 1.
The remainder of the address bits are controlled by the
address select pins ADD1 and ADD0, and are set by con-
necting these pins to ground for a low, (0) , to V
CC for a high,
(1), or left floating (TRI-LEVEL).
Therefore, the complete slave address is:
A6
A5
A4
A3
A2
A1
A0
MSB
LSB
and is selected as follows:
Address Select Pin State
LM84 SMBus
Slave Address
ADD0
ADD1
A6:A0 binary
0
0
001 1000
0
TRI-LEVEL
001 1001
0
1
001 1010
TRI-LEVEL
0
010 1001
TRI-LEVEL
TRI-LEVEL
010 1010
TRI-LEVEL
1
010 1011
1
0
100 1100
1
TRI-LEVEL
100 1101
1
1
100 1110
The LM84 latches the state of the address select pins during
the first read or write on the SMBus. Changing the state of
the address select pins after the first read or write to any
device on the SMBus will not change the slave address of
the LM84.
1.4 TEMPERATURE DATA FORMAT
Temperature data can be read from the Local Temperature,
Remote Temperature, and T_CRIT setpoint registers. Tem-
perature data can only be written to the T_CRIT setpoint
registers. Temperature data is represented by an 8-bit, two’s
complement byte with an LSB (Least Significant Bit) equal to
1˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101
7Dh
+25˚C
0001 1001
19h
+1˚C
0000 0001
01h
0˚C
0000 0000
00h
−1˚C
1111 1111
FFh
−25˚C
1110 0111
E7h
−55˚C
1100 1001
C9h
1.5 OPEN-DRAIN OUTPUTS
SMBData and T_CRIT_A outputs are open-drain and do not
have internal pull-ups. A “high” level will not be observed on
these pins until pull-up current is provided from some exter-
nal source, typically a pull-up resistor. Choice of resistor
value depends on many system factors but, in general, the
pull-up resistor should be as large as possible. This will
minimize any local temperature reading errors due to self
heating of the LM84. The maximum resistance of the pull-up,
based on LM84 specification for High Level Output Current,
to provide a 2V high level, is 30 k
Ω.
1.6 DIODE FAULT DETECTION
Before each remote conversion the LM84 goes through an
external diode fault detection sequence. If the D+ input is
shorted to V
CC or floating then the temperature reading will
be +127˚C, bit 2 (OPEN) of the Status Register will be set. If
the Remote T_CRIT setpoint is set to less than +127˚C then
bit 4 (RTCRIT) of the Status Register will be set which will
activate the T_CRIT_A output, if enabled. If D+ is shorted to
GND or D−, the temperature reading will be 0˚C and bit 2 of
the Status Register will not be set.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com