Electronic Components Datasheet Search
  English  ▼

X  

PA24 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # PA24
Description  Rugged and weatherproof
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PA24 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  PA24 Datasheet HTML 1Page - Laird Tech Smart Technology PA24 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-PA24 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL
SQ. IN
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
PA24-13
56
14 lbs
22 lbs
14 lbs
PA24-16
121
30 lbs
47 lbs
32 lbs
PA24-19
163
41 lbs
64 lbs
41 lbs
WIND LOADING (LBS.)
SPECIFICATIONS
PARAMETER
PA24-13
PA24-16
PA24-19
Frequency range
2400 - 2483 MHz
2400 - 2483 MHz
2400 - 2483 MHz
Gain
13 dBi
16 dBi
19 dBi
3dB beamwidth (H & V)
35°
26°
17.5°
Front to back
20 dB
27 dB
30 dB
Cross polarization
-20 dB
-20 dB
-20 dB
VSWR
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
Input power
100 watts
100 watts
Operating temperature
-40° to +70°C
-40° to +70°C
-40° to +70°C
Pole size
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
Weight
17.6 oz (0.5 kg)
31.5 oz (0.9 kg)
60 oz (1.7 kg)
Dimension (dia x depth)
7.5 x 7.5 x 0.8 in
(190 x 190 x 20 mm)
11 x 11 x 0.8 in
(279 x 279 x 20 mm)
15.3 x 14.6 x 0.8 in
(389 x 368 x 20 mm)
Bracket tilt
45°
45°
45°
SYSTEM ORDERING
PA24-13
2.4 GHz 13 dBi flat panel directional
antenna PA24-16
2.4 GHz 16 dBi flat panel
directional antenna PA24-19
2.4 GHz 19 dBi flat
panel directional antenna
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
Flat Panel Directional Antenna
PA24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com