Electronic Components Datasheet Search
  English  ▼

X  

PAS69278 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PAS69278
Description  Weatherproof UV stable radome
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PAS69278 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PAS69278 Datasheet HTML 1Page - Laird Tech Smart Technology PAS69278 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.(0).1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
TYPICAL ELECTRICAL SPECIFICATIONS
Frequency
698 – 960 MHz / 1710 – 2700 MHz
VSWR
2.0:1 Max.
Gain
698 – 960 MHz: 7.5 – 9.0 dBi, 1700 – 2700 MHz: 5.7 – 9.5 dBi
Average Efficiency
698 – 960 MHz: 80% - 87%, 1700 – 2700 MHz: 60% - 85%
3 dB Beamwidth (Vertical plane)
698 – 960 MHz: 55° – 70°, 1700 – 2700 MHz: 50° – 80°
3 dB Beamwidth (Horizontal plane)
698 – 960 MHz: 55° – 70°, 1700 – 2700 MHz: 50° – 80°
F/B Ratio , Co-pol
698 – 960 MHz: > 23 dB, 1700 – 2700 MHz: > 17 dB
Cross polarization, Axial
698 – 960 MHz: > 25 dB, 1700 – 2700 MHz: > 17 dB, typical 23 dB
Isolation
> 25 dB
Polarization
Slant ± 45o
Nominal Impedance
50 Ohms
Power
2 x 10 Watts
RF Connector
Dual Type N female
IP Class
IP55
Environmental Conditions
ETSI EN 300 019-2-4, class 4.1E.
Mount Style
Wall/Mast w/mounting hardware (Wall mount)
Radome and Base Plastic
UL94 V0 rated (UV resisted)
Radome & Base color:
White, Color code (SABIC) WH9B034
Material Substance Compliance
ROHS Compliant
Temperature
-40°C to +70°C
Dimensions
295 x 295 x 82 mm
Weight
1.46 kg
MULTI-BAND DIRECTIONAL PANEL ANTENNA
The PAS69278 antenna is a wide band dual port directional panel antenna with slant 45
polarization that covers the domestic LTE700/Cellular/PCS/AWS/MDS and global GSM900/
GSM1800/UMTS/LTE2600 bands. The antenna is ideal for both indoor and outdoor applications.
It includes a UV stable radome enclosure that provides years of use without degradation to
either mechanical properties or aesthetics.
PAS69278
698-960 MHz/1710-2700 MHz
Pole Mount Directional Panel Antenna
FEATURES & BENEFITS
• Applicable for both 3G and 4G solutions
• Domestic LTE 700 band and
Global LTE 2600 band
• WiMax 2300/2500 bands
• Domestic Cellular and Global GSM
• Weatherproof UV stable radome
• Wall mounting hardware included
(optional mast mount kit available)
• Conformance to RoHS
APPLICATIONS
• Wireless Terminal, Point-of-Sale,
Machine to Machine,
• Automatic Meter Reading and
Home Security
SPECIFICATIONS
CABLES AND CONNECTORS
PART NUMBER
CABLE LENGTH
CONNECTOR
PAS69278-91NF
Dual 91 cm (36”)
Dual Type N- Female
PAS69278-FNF
N/A (Direct connect)
Dual Type N- Female


Similar Part No. - PAS69278

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PAS69278-91NF LSTD-PAS69278-91NF Datasheet
1Mb / 4P
Compatibilidade com RoHS
PAS69278-FNF LSTD-PAS69278-FNF Datasheet
1Mb / 4P
Compatibilidade com RoHS
PAS69278P LSTD-PAS69278P Datasheet
1Mb / 4P
Compatibilidade com RoHS
PAS69278P-30D41F LSTD-PAS69278P-30D41F Datasheet
1Mb / 4P
Compatibilidade com RoHS
PAS69278P-30D43F LSTD-PAS69278P-30D43F Datasheet
1Mb / 4P
Compatibilidade com RoHS
More results

Similar Description - PAS69278

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
UV stable weatherproof radome
S2408MD12NF LSTD-S2408MD12NF Datasheet
774Kb / 1P
UV stabile thermoplastic radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
OC80271 LSTD-OC80271 Datasheet
1Mb / 2P
Weatherproof UV stable radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
UV Stable polycarbonate radome
S3307BPNF LSTD-S3307BPNF Datasheet
732Kb / 1P
Weather proof UV stabile radome
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com