Electronic Components Datasheet Search
  English  ▼

X  

ECG055B Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # ECG055B
Description  The Communications Edge
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG055B Datasheet(HTML) 6 Page - WJ Communication. Inc.

  ECG055B Datasheet HTML 1Page - WJ Communication. Inc. ECG055B Datasheet HTML 2Page - WJ Communication. Inc. ECG055B Datasheet HTML 3Page - WJ Communication. Inc. ECG055B Datasheet HTML 4Page - WJ Communication. Inc. ECG055B Datasheet HTML 5Page - WJ Communication. Inc. ECG055B Datasheet HTML 6Page - WJ Communication. Inc. ECG055B Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
ECG055
InGaP HBT Gain Block
Product Information
The Communications Edge TM
ECG055C (SOT-86 Package) Mechanical Information
Outline Drawing
Land Pattern
Product Marking
The component will be marked with a two-
digit numeric lot code followed by a “ Y”
designator on the top surface of the
package.
Tape and reel specifications for this part are
located on the website in the “ Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 1 at +235 C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use
a .35mm (#80 / .0135” ) diameter drill and have a
final plated thru diameter of .25 mm (.010” ).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink. Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC
board in the region where the board contacts the
heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles
are in degrees.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com