Electronic Components Datasheet Search
  English  ▼

X  

ROE Datasheet(PDF) 1 Page - Recom International Power

Part # ROE
Description  Low Cost 1W Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROE Datasheet(HTML) 1 Page - Recom International Power

  ROE Datasheet HTML 1Page - Recom International Power ROE Datasheet HTML 2Page - Recom International Power ROE Datasheet HTML 3Page - Recom International Power ROE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO-1
REV.: 3/2016
www.recom-power.com
1 Watt
SIP4
Single Output
DC/DC Converter
Features
Unregulated
Converters
• Low Cost 1W Converter
• Industry Standard Pinout
• SIP4 Package
• 1kVDC Isolation
• Efficiency up to 80%
• Wide Operating Temperature Range -40°C to +85°C
• UL60950-1 Certified
ROE
UL60950-1 Certified
Description
The ROE DC/DC converters are typically used in general purpose power isolation and voltage
matching applications, and feature a full industrial operating temperature range of -40°C to +85°C
without derating.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ.
Load (1)
(VDC)
(VDC)
(mA)
(%)
(µF)
ROE-3.305S
3.3
5
200
79
470
ROE-0505S
5
5
200
79
470
ROE-0512S
5
12
84
80
220
ROE-0515S
5
15
66
80
220
ROE-1205S
12
5
200
80
470
ROE-1505S
15
5
200
79
470
ROE-2405S
24
5
200
80
470
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
±10%
Operating Frequency Range
Vin nominal
50kHz
80kHz
105kHz
Output Ripple and Noise (2)
20NMHz BW
50mVp-p
100mVp-p
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up)
E358085
0
10 20 30
40 50 60 70 80 90 100
100
90
80
70
60
50
40
30
20
10
0
Output Current [%]
0505
0512
0515
0
10 20 30
40 50 60 70 80 90 100
100
90
80
70
60
50
40
30
20
10
0
Output Current [%]
3.305
0505
1205
1505
2405
Efficiency vs. Load
Notes:
Note2: Measurements are made with a 100nF MLCC across output. (low ESR)
Notes:
Note1: Max. capacitive load is tested at nominal input voltage and full load.


Similar Part No. - ROE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
LOW COST 1W CONVERTER
ROE-0505S RECOM-ROE-0505S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROE-0512S RECOM-ROE-0512S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROE-0515S RECOM-ROE-0515S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROE-1205S RECOM-ROE-1205S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
More results

Similar Description - ROE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
MicroPower Direct, LLC
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
logo
Recom International Pow...
RBE-0505S RECOM-RBE-0505S Datasheet
573Kb / 2P
LOW COST 1W CONVERTER
REE-0505S RECOM-REE-0505S Datasheet
572Kb / 2P
LOW COST 1W CONVERTER
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
LOW COST 1W CONVERTER
logo
MicroPower Direct, LLC
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
logo
Recom International Pow...
RB-2415D RECOM-RB-2415D Datasheet
121Kb / 3P
Low Cost 1W Converter Power Sharing on Dual Output Version
logo
Analog Devices
ADL5306 AD-ADL5306_15 Datasheet
2Mb / 16P
Low Cost Logarithmic Converter
REV. 0
logo
Recom International Pow...
RBE RECOM-RBE Datasheet
83Kb / 2P
Low Cost 1W Converter
REE RECOM-REE Datasheet
83Kb / 2P
Low Cost 1W Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com